công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99VR01 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện L99VR01
Giải thích chi tiết về linh kiện  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  L99VR01_V01 Datasheet HTML 1Page - STMicroelectronics L99VR01_V01 Datasheet HTML 2Page - STMicroelectronics L99VR01_V01 Datasheet HTML 3Page - STMicroelectronics L99VR01_V01 Datasheet HTML 4Page - STMicroelectronics L99VR01_V01 Datasheet HTML 5Page - STMicroelectronics L99VR01_V01 Datasheet HTML 6Page - STMicroelectronics L99VR01_V01 Datasheet HTML 7Page - STMicroelectronics L99VR01_V01 Datasheet HTML 8Page - STMicroelectronics L99VR01_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
2.2
Thermal data
2.2.1
Thermal resistance
Table 3. Operation junction temperature
Item
Symbol
Parameter
Value
Unit
PowerSSO-12
SO-8
A.001
Rthj-case
Junction to case thermal
resistance
8.5
°C/W
A.057
Rthj-lead
Junction to lead thermal
resistance (1)
54.5
°C/W
A.002
Rthj-amb
Junction to ambient thermal
resistance
27.4
71
°C/W
1. Measured on Vs
Note:
the values quoted are for PCB 77 mm x 86 mm x 1.6 mm, FR4, four layers; Cu thickness 0.070 mm (outer
layers) . Cu thickness 0.035 mm (inner layers), Thermal vias separation 1.2 mm, Thermal via diameter 0.3 mm
+/- 0.08 mm, Cu thickness on vias 0.025 mm.
2.2.2
Thermal protection
Table 4. Temperature threshold
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
A.003
Tprot_s(1)
Thermal protection temperature
L99VR01S
150
180
°C
A.004
Tprot_j(1)
Thermal protection temperature
L99VR01J
175
200
°C
A.005
Tprot_hyst
Thermal protection hysteresis
11
°C
A.006
TJ
Operating
junction
temperature
SO-8
TJ
-40
150
°C
Power-SSO-12
-40
175
A.007
Tstg
Storage temperature
Tstg
150
°C
1. Thermal protection is guaranteed by design and characterization.
L99VR01
Electrical specifications
DS13649 - Rev 4
page 5/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40