| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99UDL01TR bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99UDL01TR bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 88 page ![]() Electrical characteristics L99UDL01 30/88 DS12511 Rev 5 4.3.1 Supply Table 6. Supply voltage parameters Electrical characteristics (-40°C < TJ < 130°C, 6 V < VS < 18 V unless otherwise specified) Req ID Symbol Parameter Test Condition Min. Typ. Max. Unit A.001 VSOPER VS Operating Supply Voltage 618 V A.002 VSOPER_EXT Extended VS Operating Supply Voltage(1) 526 V A.003 IQ(Vs) on VS Supply current on-state Sum of all VSx, DRNx and VS pins, All VSx = DRNx = VS = 13 V, OUTx floating 13 18 mA A.004 IQ(VSx) STBY VSx supplies leakage current Sum of all VSx pins VSx = 13 V, STBY bit = 1 OUTx floating -40°C to 25°C 1 6 A A.005 125°C 20 A.006 IQ(VSx) SLEEP VSx supplies leakage current Sum of all VSx pins VSx = 13 V, VDD<VDDSLEEP OUTx floating -40°C to 25°C 1 6 A A.007 125°C 25 A.008 IQ(Vs) STBY VS supply Standby consumption current in STBY mode VS = 13 V, STBY bit = 1 VDD>VDDSLEEP -40°C to 25°C 30 A A.009 125°C 50 A.010 IQ(Vs) SLEEP VS supply Standby consumption current in Sleep mode VS = 13 V VDD<VDDSLEEP OUTx floating -40°C to 25°C 7 A A.011 125°C 15 A.012 VDDOPER VDD Operating Supply Voltage 2.5 5.5 V A.013 VDDSLEEP_F VDD sleep threshold (falling). A VDD below this threshold will force the L99UDL01 into Sleep mode. No supply is available at this time. 0.3 1.0 1.5 V |