công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9524C bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện L9524C
Giải thích chi tiết về linh kiện  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 16Page - STMicroelectronics L9524C Datasheet HTML 17Page - STMicroelectronics L9524C Datasheet HTML 18Page - STMicroelectronics L9524C Datasheet HTML 19Page - STMicroelectronics L9524C Datasheet HTML 20Page - STMicroelectronics L9524C Datasheet HTML 21Page - STMicroelectronics L9524C Datasheet HTML 22Page - STMicroelectronics L9524C Datasheet HTML 23Page - STMicroelectronics L9524C Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Functional description
L9524C
20/27
4.12
Advanced run-off control
In transistor mode (modes 3 to 6) the glow plugs are switched by an advanced run-off
control. The target is to minimize changes in the load current. Therefore, the PWM signals
applied to the glow plugs are phase-shifted to each other. There is a 5-step start-up
procedure at the beginning of a switching sequence. In step 1 the phase shift between the
glow plugs is set to a fixed value tdel. Therefore, all glow plugs are switched on once in the
first period of the PWM control input signal (CI) and are heated up quite simultaneously.
During the start-up procedure the phase shift becomes a value equal to the on time of one
glow plug. As a result, after the start-up procedure the glow plugs are switched on one after
the other to get minimal changes in the load current.
Figure 8.
Timing diagram of advanced run-off control
4.13
Output timing
In transistor mode (modes 3 to 6) there is a delay tgap between switching off one glow plug
and switching on the next one to avoid overlaps. Additionally, failures occurring during the
slope (i.e. in the time period tsup after switching) are suppressed in all modes.
Figure 9.
Output timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com