| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9466N bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9466N bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 11 page ![]() Pin description L9466 4/11 2 Pin description Figure 2. Pin connection (top view) Table 2. Pin description N° Pin Description 1VGO Generator Output – Voltage Sense and Power Supply to ASVR 2 F+ Field Driver - High Side Drive Output 3 G Ground for ASVR (Must be connected for Ground for ASVR) 4 NC Not connected 5 Gnd Internally connected to the Tab or Slug in MW-8. 6 DF Inverted Field Monitor Output 7 L Lamp - Low Side Driver; Relay - High Side Driver 8 P Phase Sense Input 1 2 3 4 5 6 7 D02AT502B 8 P L DF GND NC G F+ VGO Tab connected to pin 5 |