công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9362 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện L9362
Giải thích chi tiết về linh kiện  QUAD LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button L9362 Datasheet HTML 9Page - STMicroelectronics L9362 Datasheet HTML 10Page - STMicroelectronics L9362 Datasheet HTML 11Page - STMicroelectronics L9362 Datasheet HTML 12Page - STMicroelectronics L9362 Datasheet HTML 13Page - STMicroelectronics L9362 Datasheet HTML 14Page - STMicroelectronics L9362 Datasheet HTML 15Page - STMicroelectronics L9362 Datasheet HTML 16Page - STMicroelectronics L9362 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
L9362
14/17
Short-Circuit and Overtemperature Protection (SCB)
If the output current increases above the short current limit for a longer time than t_SCB or if the temperature
increases above TOFF, then the power transistor is immediately switched off. It remains switched off until the
control signal at the NON-Input is switched off and on again. This filter time has the purpose to suppress wrong
detection on short spikes.
All four outputs have an independent overtemperature detection and shutdown. This measurement is active
while the powerstage is switched on.
The Short circuit detection and the overtemperature detection are using the same bit in the Diagnostic (one for
each channel).
A SCG failure will be recognized, when the drain voltage of the output stage is lower as the “Short Cut to Ground
threshold voltage”, while the output stage is switched off (see Fig. 4). The SCG failure is filtered with a digital
filter (t_SCG) to suppress the storage of a failure at small SCG spikes, which are typical during the transition of
the power output. This filter is triggered by the NON input and the (analog) SCG detection.
If the current through the output stage is lower than the IOL-reference, then an OL failure will be recognized
after a filter time. This measurement is active while the powerstage is switched on.
The Open Load failure detection has 2 different modes, the statical failure detection and the sporadic failure
detection. One main difference is, that a statical failure is transferred to the Failure register with the next rising
edge of NON, whereas a sporadic failure is transferred immediately to the Failure register (see fig. 5, 6 and 7).
In both failure modes the OL detection is filtered (t_OL=tOL) and is using together with the SCG detection the
same digital filter for suppression of spikes.
The failures are stored regarding to their priority (see above). A failure with a higher priority overwrites an even-
tually already detected failure with a lower priority.
Diagnostic interface
The communication between the microprocessor and the failure register runs via the SPI link. If there is a failure
stored in the failure register, the first bit of the shift register is set to a high level. With the H/L change at the NCS
pin the first bit of the diagnostic shift register will be transmitted to the SDO output. The SDO output is the serial
output from the diagnostic shift register and it is tristate when the NCS pin is high. The CLK pin clocks the diag-
nostic shift register. New SDO data will appear on every rising edge of the CLK pin and new SDI data will be
latched on every falling edge into the shift register. With the first positive pulse of the CLK the contents of the
failure register is copied to the SPI shift register and a internal reset (FR_RESET) is generated. This internal
reset clears the failure register and thus the failure register is capable of detecting failures also during the SPI
read cycle. There is no bus collision at a small spike at the NCS. The CLK has to be LOW, while the NCS signal
is changing.
Current feedback
Each channel has a current feedback output which sinks a current proportional to the load current of the Low
Side Switch. Using this output servo loop applications can be realized by applying a PWM signal to the NON
input. A typical diagram of the Current Feedback output at different temperatures is shown in figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com