| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9347LF bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9347LF bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 29 page ![]() Functional Description L9347 18/29 For more details about the test conditions see timing diagrams in Section 4. 3.9 Diagnostic table The status follows the input signal in normal operating conditions. If any error is detected the status is inverted. Table 8. Special test mode functionality EN In Test Out Status Note 1 X X X X disable test mode 1 1 1 on 1 Drift mode 0 X off test pattern test condition one 0 X off test pattern test condition two 0 X off test pattern test condition three 0 0 off test pattern test condition four 0 1 on test pattern test condition four Table 9. Diagnostic table Operating Condition Test Input TEST Enable Input ENA Control Input non- reg./reg. IN Power Output/Curr ent reg. Q Status Output ST Normal function L L L L L L H H L H/PWM L H/PWM OFF OFF OFF ON L L L H Open load or short to ground L L L L L L H H L H/PWM L H/PWM OFF OFF OFF ON X X H L Overload or short to supply Latched overload Reset latch Reset latch L L L L H H H –> L H H/PWM H/PWM X H/PWM –> L OFF OFF OFF OFF L L L L Overtemperature Latched overtemperature Reset latch Reset latch L L L L H H H –> L H H/PWM H/PWM X H/PWM –> L OFF OFF OFF OFF L L L L Recirculation error (reg.chn.) Latched error Reset latch Reset latch L L L L H H H –> L H PWM PWM X PWM –> L OFF OFF OFF OFF L L L L |