công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9305 bảng dữ liệu(PDF) 40 Page - STMicroelectronics

tên linh kiện L9305
Giải thích chi tiết về linh kiện  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 bảng dữ liệu(HTML) 40 Page - STMicroelectronics

Back Button L9305_V01 Datasheet HTML 36Page - STMicroelectronics L9305_V01 Datasheet HTML 37Page - STMicroelectronics L9305_V01 Datasheet HTML 38Page - STMicroelectronics L9305_V01 Datasheet HTML 39Page - STMicroelectronics L9305_V01 Datasheet HTML 40Page - STMicroelectronics L9305_V01 Datasheet HTML 41Page - STMicroelectronics L9305_V01 Datasheet HTML 42Page - STMicroelectronics L9305_V01 Datasheet HTML 43Page - STMicroelectronics L9305_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
8.1.4
Bandgap regulators, internal analog and digital supply monitoring
There are two internal bandgap regulators, main and auxiliary and two internal low voltage regulators, V3VA and
V3VD. These regulators are monitored for over and under voltage conditions and a fault on any regulator
regardless of the type of the result in a Power On Reset (POR). There are no flags dedicated to these fault
conditions other than the POR flag. A POR event resets all registers and disables all solenoids and fail safe. The
POR flag is available as shown below.
Table 26. POR fault summary
Register
Location
Bit Name
SERVFLT1
D9
POR Flag
In addition to the static voltage monitoring function, the L9305 includes a self-test to verify the proper operation of
all comparators and fault logic thus preventing latent faults from influencing the device operation. The self-test
function verifies the voltage comparison and logic to ensure the entire path is verified. The self-test is run on
demand by setting the ODTEST [D0]. The sequence for initiating the self-test and reading the response is shown
below:
•
In ODTEST register set bit D[0] = 1
•
Monitor ODTEST register bit D[0] for test status, 1 = test in process, 0 = test complete.
•
If ODTEST register bit D[0] = 1 the test has succeeded; if the test fails device executes a POR and the
related bit will be set on SPI register.
8.1.5
GND loss detection
GNDA and GNDD are continuously monitored for loss of ground connection. Ground loss comparators and fault
logic are monitored for latent faults using a self-test function. The self-test is automatically performed upon a POR
event. Should a ground loss or self-test fault be detected, the corresponding fault bits are set and are summarized
below.
Table 27. GNDA and GNDD fault summary
Register
Location
Bit Name
SERVFLT1
D15
GNDD Loss
SERVFLT1
D14
GNDA Loss
SERVFLT2
D2
GNDA Loss Self Test
SERVFLT2
D3
GNDD Loss Self Test
A GNDA or GNDD Loss fault will disable all solenoid drivers and the fail-safe pre-driver. The fault is cleared on
SPI read but solenoid and fail-safe operation must be re-enabled through the SPI.
Each solenoid driver channel has a dedicated ground connection, GND_SOL0, GND_SOL1, GND_SOL2 and
GND_SOL3. Should a fault be detected, the faulted channel will be disabled and fault flag set as shown below:
Table 28. Solenoid GND fault summary
Register
Location
Bit Name
EXCEPTIONS2
D3
Ground Loss
Each solenoid ground connection is continuously monitored for loss of connection. Each loss of ground
monitoring circuit also contains a self-test function that must be requested by the user. The sequence for initiating
the self-test and reading the response is shown below:
•
For the desired channel, in CONFIGURATION2 register set bit D[0] = 1
•
Monitor EXCEPTIONS2 register, bit D[5] for test status, 1 = test in process, 0 = test complete.
•
Read EXCEPTIONS2 register, bit D[3]; 0 = no fault; 1 = fault
L9305
Safety features
DS12774 - Rev 10
page 40/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com