| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L5965 bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5965 bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 73 page ![]() 5.2.23 SPI Device Identification 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED OTP_DEVICE_IDENTIFICATION R R R R R R R R R R R R R R R R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Address 0x21 OTP DEVICE IDENTIFICATION: Digital circuit auto download the information from OTP to this register when chip power up. Read only. The default value will be all 0 if OTP is not configured. OTP_WD_REC_EN: When OTP_WD_REC_EN = 0 and SPI_WD_REC_EN = 0, a WD failure asserts RESET_B but doesn't affect the FSM. All regulators keep running in active mode. When OTP_WD_REC_EN = 1, a WD failure asserts RESET_B and makes FSM go to REC state. L5965 SPI registers mapping DS12567 - Rev 3 page 46/73 |