| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L5962 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5962 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 24 page ![]() L5962 Device description Doc ID 16819 Rev 3 17/24 4.2 High side drivers The device embeds fully-protected high-side drivers for use outside of the car-radio module. HSD1, HSD2 These high side driver outputs have short circuit protections consisting of current limit and independent thermal shutdown. If the local die temperature exceeds the thermal shutdown detection threshold, the output is disabled. The thermal shutdown circuitry has hysteresis such that the output is enabled only after the die temperature falls below the thermal shutdown disable threshold. Thermal shutdown on any one output doesn't directly disable any other circuitry. HSD1 and HSD2 are protected from shorts to ground and shorts to battery (0-18 V) during a loss of car-radio module battery. |