| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L4993MD bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L4993MD bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 31 page ![]() DS5285 Rev 10 25/31 L4993 Package and packing information 30 5 Package and packing information 5.1 ECOPACK® In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 5.2 SO-8 package information Figure 36. SO-8 package dimensions Table 11. SO-8 mechanical data Symbol Millimeters Min. Typ. Max. A 1.75 A1 0.10 0.25 A2 1.25 b 0.28 0.48 |