công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FTR-C2 bảng dữ liệu(PDF) 2 Page - FCL COMPONENTS LIMITED

tên linh kiện FTR-C2
Giải thích chi tiết về linh kiện  SIGNAL RELAY 2 POLES - 2A HIGH ISOLATION WIDE CONTACT GAP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FCL [FCL COMPONENTS LIMITED]
Trang chủ  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED

FTR-C2 bảng dữ liệu(HTML) 2 Page - FCL COMPONENTS LIMITED

  FTR-C2 Datasheet HTML 1Page - FCL COMPONENTS LIMITED FTR-C2 Datasheet HTML 2Page - FCL COMPONENTS LIMITED FTR-C2 Datasheet HTML 3Page - FCL COMPONENTS LIMITED FTR-C2 Datasheet HTML 4Page - FCL COMPONENTS LIMITED FTR-C2 Datasheet HTML 5Page - FCL COMPONENTS LIMITED FTR-C2 Datasheet HTML 6Page - FCL COMPONENTS LIMITED FTR-C2 Datasheet HTML 7Page - FCL COMPONENTS LIMITED FTR-C2 Datasheet HTML 8Page - FCL COMPONENTS LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-C2 Series
■ SPECIFICATIONS
Item
Specifications
Remarks/Conditions
Non-latching
FTR-C2( )A
Latching
FTR-C2( )B
Contact
Data
Configuration
2c (2 Form C)
Construction
Bifurcated
Material
Gold plated silver palladium (stationary contact)
Silver palladium (movable contact)
Resistance (initial)
Max. 150mΩ
At 1A, 6VDC
Contact rating
0.3A, 125VAC/1A, 30VDC
Resistive
Max. switching voltage
250VAC/220VDC
Max. switching power
62.5VA/30W
Max. carrying current
2A
Min. switching load
*1
0.01mA, 10mVDC
Reference
Coil
Rated power
300mW
150mW
Operate power
169mW
85mW
Pulse width
-
Min. 20ms
Operating temperature range
-40°C to +85°C
No frost
Time
Operate (at nominal voltage)
Max. 15ms
Without bounce
Release (at nominal voltage)
Max. 15ms
Without bounce
Life
Mechanical
Min. 10 x 10
6 operations
Electrical (resistive)
Min. 100 x 10
3 operations at 0.3A, 125VAC/1A, 30VDC
Insulation
Insulation resistance
Min. 1,000MΩ
At 500VDC
Dielectric
strength
Open contacts
1,500VAC (50/60Hz) 1min.
Adjacent contacts
1,500VAC (50/60Hz) 1min.
Contacts to coil
2,000VAC (50/60Hz) 1min.
Surge strength Contacts to coil
2,500V, 2 x 10μs standard wave
Clearance
Open contacts
2.0mm
Adjacent contacts
2.0mm
Contacts to coil
2.0mm
Creepage
Open contacts
2.0mm
Adjacent contacts
2.0mm
Contacts to coil
2.5mm
Other
Vibration
resistance
Misoperation>1μs
10 to 55 to 10Hz single amplitude 1.65mm
Coil ON/OFF, 3 axis,
total 6 cycles
Endurance
10 to 55 to 10Hz single amplitude 2.5mm
Coil OFF, 3 axis,
total 6 hours
Sock
resistance
Misoperation>1μs
Min. 300m/s
2 (11±1ms)
Coil ON/OFF, 3 axis,
total 36 operations
Endurance
Min. 1,000m/s
2 (6±1ms)
Coil OFF, 3 axis,
total 18 operations
Dimensions / Weight
9.85 x 20.05 x 11.4mm / Approximately 3.7g
Sealing
RT III (plastic sealed)
*1: Minimum switching loads mentioned above are reference values. Please perform the confirmation test with actual load before production since reference values may
vary according to switching frequencies, environmental conditions and expected reliability levels.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com