| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPS2171 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPS2171 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 30 page ![]() STMPS2141, STMPS2151, STMPS2161, STMPS2171 Maximum rating 11/30 5 Maximum rating Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. 5.1 Absolute maximum rating 5.2 Recommended operating conditions Table 7. Absolute maximum ratings Symbol Parameter Value Unit VI Input voltage range –0.3 – 6.0 V VO Output voltage range –0.3 – (Vi+0.3) V VIENX EN Input voltage range -0.3 – 6.0 V IO Continuous output current Internally limited ESD ESD protection level 8 kV TJ Junction operating temperature –40 to 125 °C TSTG Storage temperature –55 to 150 °C TR Thermal resistance (MSOP8) 220 °C/W TR Thermal resistance (SOT23-5L) 191 °C/W TR Thermal resistance (SO-8) 160 °C/W Table 8. Recommended operating conditions Symbol Parameter Value Unit Min Typ Max VI Input voltage 2.7 5.0 5.5 V VO Output voltage 0 5.0 5.5 V IO (STMPS2141 STMPS2151) Continuous output current 0 - 500 mA IO (STMPS2161 STMPS2171) Continuous output current 0 - 1000 mA |