công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280049PMSR bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện F280049PMSR
Giải thích chi tiết về linh kiện  TMS320F28004x Real-Time Microcontrollers
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

F280049PMSR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button F280049PMSR Datasheet HTML 3Page - Texas Instruments F280049PMSR Datasheet HTML 4Page - Texas Instruments F280049PMSR Datasheet HTML 5Page - Texas Instruments F280049PMSR Datasheet HTML 6Page - Texas Instruments F280049PMSR Datasheet HTML 7Page - Texas Instruments F280049PMSR Datasheet HTML 8Page - Texas Instruments F280049PMSR Datasheet HTML 9Page - Texas Instruments F280049PMSR Datasheet HTML 10Page - Texas Instruments F280049PMSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 271 page
background image
4 Revision History
Changes from February 1, 2021 to January 9, 2023
Page
• This Revision History lists the changes from SPRS945F to SPRS945G. ...................................................1
• Global: Updated devices in data sheet header.................................................................................................. 1
• Global: Changed title of Technical Reference Manual to TMS320F28004x Real-Time Microcontrollers
Technical Reference Manual. Changed title of data sheet to TMS320F28004x Real-Time Microcontrollers.
Changed title of errata to TMS320F28004x Real-Time MCUs Silicon Errata.....................................................1
• Global: Updated description of ERRORSTS..................................................................................................... 1
• Section 1, Features: Added "UART-Compatible" to "Two Serial Communication Interfaces (SCIs) (pin-
bootable)" feature. Added "UART-Compatible" to "One Local Interconnect Network (LIN)" feature. Added
"Functional Safety-Compliant" feature. Added "Safety-related certification" feature.......................................... 1
• Section 3, Description: Updated section.............................................................................................................2
• Device Information: Updated table..................................................................................................................... 2
• Table 3-1, Functional Safety-Compliant Part Numbers: Added table................................................................. 2
• Figure 3-1, Functional Block Diagram: Added "Secure memories are shown in red" note.................................5
• Table 5-1, Device Comparison: Removed F280048, F280048C, F280040, and F280040C from table header.
Updated device numbers for Configurable Logic Block (CLB). Updated device numbers for InstaSPIN-FOC™.
Added ADC channels (from PGA). Changed "SDFM channels – Type 1" of 64-pin PM from 3 to 2. Changed
"SDFM channels – Type 1" of 56-pin RSH from 3 to 2. Added "(UART-compatible)" to "SCI – Type 0". Added
"(UART-compatible)" to "LIN – Type 1". Updated PACKAGE OPTIONS, TEMPERATURE, AND
QUALIFICATION section.................................................................................................................................... 9
• Section 5.1, Related Products: Updated section.............................................................................................. 11
• Table 6-1, Pin Attributes: Updated DESCRIPTION of GPIO22_VFBSW, GPIO23_VSW, and ERRORSTS.
Added "When DCDCEN = 1 the respective bits in AMSEL register are don't cares" footnote......................... 16
• Table 6-3, Digital Signals: Updated DESCRIPTION of ERRORSTS................................................................ 35
• Digital Signals by GPIO table: Updated DESCRIPTION of ERRORSTS......................................................... 42
• Section 7.1, Absolute Maximum Ratings: Changed description of Input clamp current from "Digital/analog
input (per pin)" to "Digital input (per pin)". ........................................................................................................57
• Section 7.2, ESD Ratings – Commercial: Updated device numbers. Added Charged-device model (CDM)
value for corner pins for 100-pin PZ package and 64-pin PM package............................................................57
• Section 7.3, ESD Ratings – Automotive: Updated device numbers................................................................. 58
• Section 7.4, Recommended Operating Conditions: Updated SRSUPPLY and its associated footnote...............58
• Section 7.6, Electrical Characteristics: Moved "150" from TYP column to MIN column for VHYSTERESIS......... 66
• Power Management Module (PMM) section: Updated section.........................................................................70
• Figure 7-12, Reset Circuit: Updated figure....................................................................................................... 81
• Figure 7-13, Power-on Reset: Added tboot-flash to "CPU Execution Phase" waveform......................................82
• Section 7.9.3, Clock Specifications: Removed Crystal Oscillator section. Added Crystal (XTAL) Oscillator
section.............................................................................................................................................................. 83
• Table 7-9, Minimum Required Flash Wait States (FRDCNTL[RWAIT]) at Different CPUCLK Frequencies:
Changed Minimum Required Flash Wait States with Different Clock Sources and Frequencies table to
Minimum Required Flash Wait States (FRDCNTL[RWAIT]) at Different CPUCLK Frequencies table. Updated
table.................................................................................................................................................................. 95
• Table 7-10, Flash Parameters: Changed "Nwec Write/Erase Cycles" to "Nwec Write/Erase Cycles per sector".
Added "Nwec Write/Erase Cycles for entire Flash (combined all sectors)" and associated footnote.................95
• Figure 7-26, Connecting to the 14-Pin JTAG Header: Changed TMS pullup resistance from 4.7 kΩ to 2.2 kΩ.
..........................................................................................................................................................................97
• Figure 7-27, Connecting to the 20-Pin JTAG Header: Changed TMS pullup resistance from 4.7 kΩ to 2.2 kΩ.
..........................................................................................................................................................................97
• Section 7.10.1.1, Result Register Mapping: Added section............................................................................120
• Section 7.10.1.3.3, ADC Input Model: Added references to the Charge-Sharing Driving Circuits for C2000
ADCs application report and the ADC Input Circuit Evaluation for C2000 MCUs application report..............124
• Section 7.10.2.1.2, PGA Characteristics: Added RFILT. Updated Bandwidth. Added "The DNL/INL of the PGA
is within the DNL/INL tolerance of the ADC and therefore not shown separately" footnote........................... 129
www.ti.com
TMS320F280049C-Q1, TMS320F280048C-Q1, TMS320F280041C-Q1, TMS320F280040C-Q1
TMS320F280049C, TMS320F280041C, TMS320F280049-Q1, TMS320F280048-Q1
TMS320F280041-Q1, TMS320F280040-Q1, TMS320F280049, TMS320F280045, TMS320F280041
SPRS945G – JANUARY 2017 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMS320F280049C-Q1 TMS320F280048C-Q1 TMS320F280041C-Q1
TMS320F280040C-Q1 TMS320F280049C TMS320F280041C TMS320F280049-Q1 TMS320F280048-Q1
TMS320F280041-Q1 TMS320F280040-Q1 TMS320F280049 TMS320F280045 TMS320F280041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com