công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SNLS351A bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện SNLS351A
Giải thích chi tiết về linh kiện  Quad Fault Protected Peripheral Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS351A bảng dữ liệu(HTML) 4 Page - Texas Instruments

  SNLS351A Datasheet HTML 1Page - Texas Instruments SNLS351A Datasheet HTML 2Page - Texas Instruments SNLS351A Datasheet HTML 3Page - Texas Instruments SNLS351A Datasheet HTML 4Page - Texas Instruments SNLS351A Datasheet HTML 5Page - Texas Instruments SNLS351A Datasheet HTML 6Page - Texas Instruments SNLS351A Datasheet HTML 7Page - Texas Instruments SNLS351A Datasheet HTML 8Page - Texas Instruments SNLS351A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
7.0V
Input Voltage
15V
Output Voltage
70V
Continuous Power Dissipation
@ 25˚C Free-Air (Note 5)
2075 mW
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 seconds)
260
Operating Conditions
Min
Max
Units
Supply Voltage
3.00
5.25
V
Ambient Temperature
−40
125
˚C
Electrical Characteristics (Notes 2, 3, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Input High Voltage
2.0
V
V
IL
Input Low Voltage
0.8
V
I
IH
Input High Current
V
IN = 5.25V, VCC = 5.25V
1.0
20
µA
I
IL
Input Low Current
V
IN = 0.4V
±10
µA
V
IK
Input Clamp Voltage
I
I = −12 mA
−0.8
−1.5
V
V
OL
Output Low Voltage
I
L = 300 mA
0.2
0.7
V
I
L = 600 mA (Note 4)
0.55
1.5
V
I
CEX
Output Leakage Current
V
CE = 70V, VIN = 0.8V
100
µA
V
F
Diode Forward Voltage
I
F = 800 mA
1.2
1.6
V
I
R
Diode Leakage Current
V
R = 70V
100
µA
I
CC
Supply Current
All Inputs High
62
80
mA
All Inputs Low
20
mA
I
TH
Protection Circuit
Threshold Current
1
1.4
A
Switching Characteristics (Notes 2, 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHL
Turn On Delay
R
L =60Ω,VL = 30V
0.3
1.0
µs
t
PLH
Turn Off Delay
R
L =60Ω,VL = 30V
2
10.0
µs
t
FZ
Protection Enable Delay
(after Detection of Fault)
612
µs
t
RL
Input Low Time for
Protection Circuit Reset
1.0
µs
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of actual device operation.
Note 2: Unless otherwise specified, min/max limits apply across the 0˚C to +70˚C temperature range and the 4.75V to 5.25V power supply range. All typical values
are for TA = 25˚C and VCC = 5.0V.
Note 3: All currents into device pins are shown as positive; all currents out of device pins are shown as negative; all voltages are referenced to ground, unless
otherwise specified. All values shown as max or min are so classified on absolute value basis.
Note 4: All sectors of this quad circuit may conduct rated current simultaneously, however, power dissipation averaged over a short interval of time must fall within
specified continuous dissipation ratings.
Note 5: For operation over 25˚C free-air temperature, derate linearly to 1328 mW @ 70˚C @ the rate of 16.6 mW/˚C.
Note 6: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com