công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8801RTYR bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện DRV8801RTYR
Giải thích chi tiết về linh kiện  DRV880x DMOS Full-Bridge Motor Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8801RTYR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button DRV8801RTYR Datasheet HTML 17Page - Texas Instruments DRV8801RTYR Datasheet HTML 18Page - Texas Instruments DRV8801RTYR Datasheet HTML 19Page - Texas Instruments DRV8801RTYR Datasheet HTML 20Page - Texas Instruments DRV8801RTYR Datasheet HTML 21Page - Texas Instruments DRV8801RTYR Datasheet HTML 22Page - Texas Instruments DRV8801RTYR Datasheet HTML 23Page - Texas Instruments DRV8801RTYR Datasheet HTML 24Page - Texas Instruments DRV8801RTYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
NFAULT
DRV8800/01
NFAULT
DRV8800/01
VDD
Figure 9-9. nFAULT as Wired OR
9.3.4 Electrical Considerations
9.3.4.1 Device Spacing
It is recommended that devices be connected as close as possible and with trace lengths as short as possible.
Doing this minimizes the potential of generating timing differences between devices. Although it may seem
like a harmful situation for the power stage, the DRV8800 and DRV8801 devices contain enough protection to
effectively deal with enable time skews from device to device. This consideration focuses on motion quality, as
total current needed for acceleration and proper speed control will only be available when all power stages are
brought online.
9.3.4.2 Recirculation Current Handling
During recirculation, it is not possible to synchronize all devices connected in parallel so that the current is
equally distributed. Also, during the asynchronous portion of the current decay, the body diode with the lowest
forward voltage will start conducting and sink all of the current. Said body diode is not meant to handle the new
increased current capacity and will be severely affected if allowed to sink current of said magnitude.
In order to assure proper operation when devices are connected in parallel, it is imperative that external schottky
diodes be used. These schottky diodes will conduct during the asynchronous portion of the recirculation mode
and will sink the inductive load current until the respective FET switches are brought online.
Schottky diodes should be connected as shown in Figure 9-10.
M
VBB
GND
DRV8800/01
DRV8800/01
DRV8800/01
VBB
VBB
Figure 9-10. Schottky Diodes Connection
www.ti.com
DRV8800, DRV8801
SLVS855K – JULY 2008 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8800 DRV8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com