| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRV8701PRGER.B bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRV8701PRGER.B bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 40 page ![]() GH1 GL1 SH1 GH2 GL2 SH2 VM BDC High-side VDS OCP Monitor High-side VDS OCP Monitor Low-side VDS OCP Monitor + - + - + - Low-side VDS OCP Monitor + - VM VM SP RSENSE SN DRV8701 www.ti.com SLVSCX5B – MARCH 2015 – REVISED JULY 2015 7.3.7 Dead Time Dead time (tDEAD) is measured as the time when SHx is High-Z between turning off one of the H-bridge FETs and turning on the other. For example, the output is High-Z between turning off the high-side FET and turning on the low-side FET. The DRV8701 inserts a digital dead time of approximately 150 ns. The total dead time also includes the FET gate turn-on time. The total dead time is dependent on the IDRIVE resistor setting because a portion of the FET gate ramp (GHx and GLx pins) includes the observable dead time. 7.3.8 Propagation Delay The propagation delay time (tDELAY) is measured as the time between an input edge to an output change. This time is composed of two parts: an input deglitch time and output slewing delay. The input deglitcher prevents noise on the input pins from affecting the output state. The gate drive slew rate also contributes to the delay time. For the output to change state during normal operation, first, one FET must be turned off. The FET gate is ramped down according to the IDRIVE setting, and the observed propagation delay ends when the FET gate has fallen below the threshold voltage. 7.3.9 Overcurrent VDS Monitor The gate driver circuit monitors the VDS voltage of each external FET when it is driving current. When the voltage monitored is greater than the OCP threshold voltage (VDS OCP), after the OCP deglitch time (tOCP) has expired, an OCP condition will be detected. Figure 28. Overcurrent VDS Monitors When IDRIVE is shorted to AVDD, the VDS OCP monitor on the high-side FETs is disabled. In cases where the VM supplied to the DRV8701 can be different from the external H-bridge supply, this setting must be used in order to prevent false overcurrent detection. In this mode, the IDRIVE current is set to 25-mA source and 50-mA sink. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: DRV8701 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |