| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VN7007ALH bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN7007ALH bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 36 page ![]() VN7007ALH Package information DocID027958 Rev 2 31/36 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 Octapak package information Figure 38: Octapak package dimensions Table 17: Octapak mechanical data Symbol Millimeters Min. Typ. Max. A 2.20 2.30 2.40 A1 0.90 1.00 1.10 A2 0.03 0.15 b 0.38 0.45 0.52 |