| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA369BW bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA369BW bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 89 page ![]() Register description STA369BW 46/89 DocID022033 Rev 2 Note: To the left of the arrow is the processing channel. When using channel output mapping, any of the three processing channel outputs can be used for any of the three inputs. Figure 21. OCFG = 00 (default value) Figure 22. OCFG = 01 Figure 23. OCFG = 10 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 2 Channel 1 LPF LineOut1 OUT3B LPF LineOut2 OUT4B OUT4A OUT3A Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 2 Channel 1 LPF LineOut1 OUT3B LPF LineOut2 OUT4B OUT4A OUT3A AM045185v1 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 Channel 1 Channel 2 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 Channel 1 Channel 2 AM045186v1 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 2 Channel 1 Power Device OUT3B OUT3A EAPD Channel 3 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 2 Channel 1 Power Device OUT3B OUT3A EAPD Channel 3 AM045187v1 |