công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA333W bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện STA333W
Giải thích chi tiết về linh kiện  2 channel high-efficiency digital audio system Sound Terminal
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button STA333W_V01 Datasheet HTML 20Page - STMicroelectronics STA333W_V01 Datasheet HTML 21Page - STMicroelectronics STA333W_V01 Datasheet HTML 22Page - STMicroelectronics STA333W_V01 Datasheet HTML 23Page - STMicroelectronics STA333W_V01 Datasheet HTML 24Page - STMicroelectronics STA333W_V01 Datasheet HTML 25Page - STMicroelectronics STA333W_V01 Datasheet HTML 26Page - STMicroelectronics STA333W_V01 Datasheet HTML 27Page - STMicroelectronics STA333W_V01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Register description
STA333W
24/50
DocID13365 Rev 3
Thermal warning adjustment bypass
The on-chip STA333W power output block provides feedback to the digital controller using
inputs to the power control block. The TWARN input is used to indicate a thermal warning
condition. When TWARN is asserted (set to 0) for a period of time greater than 400 ms, the
power control block will force a -3dB output limit (determined by TWOCL in coefficient RAM)
to the modulation limit in an attempt to eliminate the thermal warning condition. Once the
thermal warning output limit adjustment is applied, it remains in this state until reset, unless
FDRB = 0.
Fault detect recovery bypass
The on-chip STA333W power output block provides feedback to the digital controller using
inputs to the power control block. The FAULT input is used to indicate a fault condition
(either overcurrent or thermal). When FAULT is asserted (set to 0), the power control block
attempts a recovery from the fault by asserting the 3-state output (setting it to 0 which
directs the power output block to begin recovery), holding it at 0 for period of time in the
range of 0.1 ms to 1 second as defined by the fault detect recovery constant register (FDRC
registers 0x2B, 0x2C), then toggling it back to 1. This sequence is repeated as log as the
fault indication exists. This feature is enabled by default but can be bypassed by setting the
FDRB control bit to 1.
6.1.2
Configuration register B (addr 0x01)
Table 14. Thermal warning adjustment
Bit
R/W
RST
Name
Description
6R/W
1TWAB
Thermal warning adjustment bypass:
0: thermal warning adjustment enabled
1: thermal warning adjustment disabled
Table 15. Fault detect recovery
Bit
R/W
RST
Name
Description
7R/W
0FDRB
Fault detect recovery bypass:
0: fault detect recovery enabled
1: fault detect recovery disabled
D7
D6
D5
D4
D3
D2
D1
D0
C2IM
C1IM
Reserved
SAIFB
SAI3
SAI2
SAI1
SAI0
10
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com