| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA333ML bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA333ML bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 23 page ![]() DocID13177 Rev 8 11/23 STA333ML Functional description 23 4 Functional description 4.1 Serial audio interface protocols The STA333ML serial audio input interfaces with standard digital audio components and accepts serial data formats. The STA333ML always acts as a slave when receiving audio input from standard digital audio components. Serial data for two channels is provided using 3 input pins: left/right clock LRCKI (pin 29), serial clock BICKI (pin 28), and serial data SDI (pin 30). The available formats are given in Figure 6 and Figure 7. Pin FMT (pin 2) selects the format such that FMT = logical 0 gives the I2S format and FMT = logical 1 gives the left-justified. Figure 6. I2S Figure 7. Left-justified 1 n n-1 2 3 Bicki Sdi Lrclki n n-1 n n-1 3 2 1 3 2 1 1 n n-1 n n-1 2 3 1 2 3 Sdatai/ Sdatao Biclki/ Biclko Lrclki/ Lrclko |