| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9953TR bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9953TR bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 38 page ![]() Electrical specifications L9953 / L9953XP 16/38 Doc ID 14278 Rev 4 Figure 3. SPI - transfer timing diagram Figure 4. SPI - input timing 12 3456 7 0 01 12 3 4 56 7 0 12 3 4 56 7 0 01 01 CSN CLK DI DO Input Data Register CSN high to low: DO enabled time DI: data will be accepted on the rising edge of CLK signal time time time time DO: data will change on the falling edge of CLK signal fault bit CSN low to high: actual data is transfered to output power switches old data new data 23 22 21 20 19 18 23 22 21 20 19 18 23 22 21 20 19 18 X X X X X X 12 3456 7 0 01 12 3 4 56 7 0 12 3456 7 0 01 12 3 4 56 7 0 12 3 4 56 7 0 01 01 CSN CLK DI DO Input Data Register CSN high to low: DO enabled time DI: data will be accepted on the rising edge of CLK signal time time time time DO: data will change on the falling edge of CLK signal fault bit CSN low to high: actual data is transfered to output power switches old data new data 12 3 4 56 7 0 01 01 CSN CLK DI DO Input Data Register CSN high to low: DO enabled time DI: data will be accepted on the rising edge of CLK signal time time time time DO: data will change on the falling edge of CLK signal fault bit CSN low to high: actual data is transfered to output power switches old data new data 23 22 21 20 19 18 23 22 21 20 19 18 23 22 21 20 19 18 X X X X X X 0.8 VCC 0.8 VCC 0.8 VCC 0.2 VCC 0.2 VCC 0.2 VCC Valid Valid CSN CLK DI t set CSN t CLKH t se t CLK t CLKL t hold DI t set DI |