| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC8760IPWPR bảng dữ liệu(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC8760IPWPR bảng dữ liệu(HTML) 56 Page - Texas Instruments |
|
56 / 69 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Jul-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) DAC7760IPWP Active Production HTSSOP (PWP) | 24 60 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IPWP.A Active Production HTSSOP (PWP) | 24 60 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IPWP.B Active Production HTSSOP (PWP) | 24 60 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IPWPR Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IPWPR.A Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IPWPR.B Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IPWPRG4 Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IPWPRG4.A Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IPWPRG4.B Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IRHAR Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IRHAR.A Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IRHAR.B Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IRHAT Active Production VQFN (RHA) | 40 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IRHAT.A Active Production VQFN (RHA) | 40 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC7760IRHAT.B Active Production VQFN (RHA) | 40 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC7760 DAC8760IPWP Active Production HTSSOP (PWP) | 24 60 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IPWP.A Active Production HTSSOP (PWP) | 24 60 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IPWP.B Active Production HTSSOP (PWP) | 24 60 | TUBE Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IPWPR Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IPWPR.A Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IPWPR.B Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IPWPRG4 Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IPWPRG4.A Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IPWPRG4.B Active Production HTSSOP (PWP) | 24 2000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IRHAR Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IRHAR.A Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IRHAR.B Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IRHARG4 Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 DAC8760IRHARG4.A Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 DAC8760 Addendum-Page 1 |