| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC5686IPZP1G4 bảng dữ liệu(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC5686IPZP1G4 bảng dữ liệu(HTML) 52 Page - Texas Instruments |
|
52 / 56 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 15-Jul-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) DAC5686IPZP PZP HTQFP 100 90 6 X 15 150 315 135.9 7620 20.3 15.4 15.45 DAC5686IPZP.A PZP HTQFP 100 90 6 X 15 150 315 135.9 7620 20.3 15.4 15.45 DAC5686IPZP1G4 PZP HTQFP 100 90 6 X 15 150 315 135.9 7620 20.3 15.4 15.45 DAC5686IPZP1G4.A PZP HTQFP 100 90 6 X 15 150 315 135.9 7620 20.3 15.4 15.45 Pack Materials-Page 1 |