| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC5686IPZP.A bảng dữ liệu(PDF) 44 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC5686IPZP.A bảng dữ liệu(HTML) 44 Page - Texas Instruments |
|
44 / 56 page ![]() RT 200 Ω CLK 1:4 CLKC Termination Resistor Swing Limitation Optional, May Be Bypassed for Sine Wave Input CAC 0.1 µF S0029-01 Ropt 22 Ω CLK 1:1 CLKC Optional, Reduces Clock Feedthrough CAC 0.01 µF TTL/CMOS Source Ropt 22 Ω CLK CLKC Node CLKC Internally Biased to CLKVDD 2 TTL/CMOS Source 0.01 µF S0030-01 RT 130 Ω CAC 0.1 µF CAC 0.1 µF RT 130 Ω VTT Differential ECL or (LV)PECL Source + – CLK CLKC RT 82.5 Ω RT 82.5 Ω 100 Ω S0031-01 DAC5686 SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com Figure 47. Preferred Clock Input Configuration Figure 48. Driving the DAC5686 With a Single-Ended TTL/CMOS Clock Source Figure 49. Driving the DAC5686 With a Differential ECL/PECL Clock Source 44 Submit Documentation Feedback Copyright © 2003–2009, Texas Instruments Incorporated Product Folder Link(s): DAC5686 |