| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BYW77 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BYW77 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 5 page ![]() PACKAGE MECHANICAL DATA D 2PAK (Plastic) A C2 D R 2.0 MIN. FLAT ZONE A2 V2 C A1 G L L3 L2 B B2 E Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringementof patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap- proval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 4.40 4.60 0.173 0.181 A1 2.49 2.69 0.098 0.106 A2 0.03 0.23 0.001 0.009 B 0.70 0.93 0.027 0.037 B2 1.14 1.70 0.045 0.067 C 0.45 0.60 0.017 0.024 C2 1.23 1.36 0.048 0.054 D 8.95 9.35 0.352 0.368 E 10.00 10.40 0.393 0.409 G 4.88 5.28 0.192 0.208 L 15.00 15.85 0.590 0.624 L2 1.27 1.40 0.050 0.055 L3 1.40 1.75 0.055 0.069 M 2.40 3.20 0.094 0.126 R 0.40 typ. 0.016 typ. V2 0 ° 8 ° 0 ° 8 ° FOOT PRINT (in millimeters) 8.90 3.70 1.30 5.08 16.90 10.30 BYW77G-200 5/5 |