| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD74AC151 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74AC151 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 35 page ![]() 7 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes, as well as validating and testing their design implementation to confirm system functionality. 7.1 Application Information The CD74AC151 is an 8-to-1 data selector/multiplexer. This application shows an example of using the device with all required connections. 7.2 Typical Application System Controller 3:8 DECODER A B C G GND 8:1 Multiplexer D1 D2 D0 D4 D5 D3 D6 D7 Device 0 Device 1 Device 2 Device 3 Device 4 Device 5 Device 6 Device 7 Y VCC 0.1…F W VCC Figure 7-1. Typical Application Block Diagram www.ti.com CD74AC151 SCHS333B – MARCH 2003 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: CD74AC151 |