| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDX4ACT151 bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDX4ACT151 bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 33 page ![]() 6.4 Device Functional Modes Function Table lists the functional modes of the CDx4ACT151. Table 6-1. Function Table INPUTS(1) OUTPUTS(2) SELECT STROBE Y W C B A G X X X H L H L L L L D0 D0 L L H L D1 D1 L H L L D2 D2 L H H L D3 D3 H L L L D4 D4 H L H L D5 D5 H H L L D6 D6 H H H L D7 D7 (1) H = High Voltage Level, L = Low Voltage Level, X = Don't Care (2) H = Driving High, L = Driving Low, Dx = Driving same value as Dx input, Dx = Driving inverted value from Dx input www.ti.com CD54ACT151, CD74ACT151 SCHS338B – MARCH 2003 – REVISED MAY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 11 Product Folder Links: CD54ACT151 CD74ACT151 |