công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATQ237SSZ bảng dữ liệu(PDF) 17 Page - Panasonic Semiconductor

tên linh kiện ATQ237SSZ
Giải thích chi tiết về linh kiện  Signal Relays ( 2 A or less )
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ATQ237SSZ bảng dữ liệu(HTML) 17 Page - Panasonic Semiconductor

Back Button ATQ237SSZ Datasheet HTML 13Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 14Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 15Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 16Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 17Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 18Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 19Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 20Page - Panasonic Semiconductor ATQ237SSZ Datasheet HTML 21Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Panasonic Industry Co., Ltd. Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ASCTB14E 202405
Panasonic Industry Co., Ltd. 2024
Signal Relays ( 2 A or less ) TQ RELAYS
■ For cautions for use, please read " GUIDELINES FOR SIGNAL RELAYS USAGE " and " GUIDELINES FOR
RELAY USAGE ".
■ Cautions for usage of TQ relay
● Latching
• Use latching when conditions involve continuous
carrying current.
• Regarding the set and reset pulse time, for the purpose
of reliable operation under ambient temperature
fluctuations and different operating conditions, we
recommend setting the coil applied set and reset pulse
time to 10 ms or more at the rated coil voltage.
• The relay is shipped in the reset position. But jolts
during transport or impacts during installation can
change the reset position. It is, therefore, advisable to
build a circuit in which the relay can be initialized ( set
and reset ) just after turning on the power.
● External magnetic field
Since TQ relays are highly sensitive polarized relays,
their characteristics will be affected by a strong external
magnetic field. Avoid using the relay under that condition.
● Precautions for usage of automatic insertion machine
Set the chucking pressure of the pick-up mechanism
by the automatic mounting machine with the pressure
shown in table 1 to maintain the internal function of the
relay.
Please chuck the   portion.
Avoid chucking the center of the
relay. In addition, excessive
chucking pressure to the pinpoint of
the relay should be also avoided.
E
A
C
D
B
Table 1: Chucking pressure
A, B and D direction
Max. 9.8 N ( 1 kgf )
C and E direction
Max. 4.9 N ( 500 gf )
( Surface-mount terminal: Max. 9.8 N ( 1 kgf )
GUIDELINES FOR USAGE
● M.B.B. contact
A small OFF time may be generated by the contact
bounce during contact switching. Check the actual circuit
carefully.
5V DC
Min. 10μs
500Ω
Measuring condition of M.B.B. time
SAFETY STANDARDS
Each standard may be updated at any time, so please check our Website for the latest information.
■ UL/C-UL ( Approved )
● PC board terminal
File No.
Contact rating
Operations
Ambient
temperature
E43149
1
A 30 V DC Resistive
100 × 103
40 ℃
0.5 A 125 V AC General use
100 × 103
40 ℃
0.3 A 110 V DC Resistive
100 × 103
40 ℃
● Surface-mount terminal
File No.
Contact rating
Operations
Ambient
temperature
E43149
2
A 30 V DC Resistive
100 × 103
40 ℃
0.5 A 125 V AC General use
100 × 103
40 ℃
0.3 A 110 V DC Resistive
100 × 103
40 ℃
■ CSA ( Approved )
CSA standard approved by C-UL.
ー 16 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com