| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCX-PCIE bảng dữ liệu(PDF) 4 Page - Elma Electronic Ltd |
|
|
|||||||||||||||||||||||||||||
SCX-PCIE bảng dữ liệu(HTML) 4 Page - Elma Electronic Ltd |
|
4 / 29 page ![]() Product Information • SCX-PCIE • Secondary Backplane Controller Features Feature Summary General < Bus Coupler for two CompactPCI® Serial backplanes (system expansion) < Mixed function mezzanine side card for EKF CompactPCI® Serial CPU boards < Form factor single size Eurocard (board dimensions 100x160mm 2) < PICMG® CompactPCI® Serial (CPCI-S.0) system slot card < Based on new mezzanine connectors HSE1/HSE2 (8 x PCIe® Gen3) < Suitable e.g. for use with CPU cards SC4-CONCERTO or SC5-FESTIVAL < 8HP assembly together with CPU card < 24-lanes PCI® Express Gen3 switch < Supports secondary CompactPCI® Serial backplane < Provides Gigabit Ethernet front panel I/O (3 x RJ45) < Provides USB 3.0 front panel I/O (3 x Type A) < Provides mass storage capability (1 x M.2 NVMe/SATA, 1 x mSATA) Backplane Connectors < CompactPCI® Serial backplane connectors P1, P2, P4, P5, system board pin assignment < PCI® Express support for all eight peripheral slots of a secondary CompactPCI® Serial backplane < Four links Gen3 x4 (available on peripheral slots 1, 2, 3, 5) < Four links Gen2 x1 (available on peripheral slots 4, 6, 7, 8) < Can be used with any standard CompactPCI® Serial backplane (system slot left aligned) PCI Express® Switching < 24-lane 6-port PCI Express® Gen3 packet switch PEX 8724 < Upstream 1 x4 link wired to the HSE1 mezzanine connector (CPU card PCH) < Downstream 4 x4 links to the CompactPCI® Serial backplane < Downstream 1 x4 link to the NVMe SSD M.2 socket < 6-lane 6-port PCI Express® Gen2 packet switch PI7C9X2G606PR < Upstream 1 x1 link wired to the HSE2 mezzanine connector (CPU card PCH) < Downstream 4 x1 links to the CompactPCI® Serial backplane < 6-lane 6-port PCI Express® Gen2 packet switch PI7C9X2G606PR < Upstream 1 x1 link wired to the HSE2 mezzanine connector (CPU card PCH) < Downstream 3 x1 links to the I210 Gigabit Ethernet NICs < Downstream 1 x1 link to the TUSB7320 USB controller Front Panel I/O < 3 x RJ45 Gigabit Ethernet jacks, three individual on-board I210-IT controllers < 1000BASE-T, 100BASE-TX, 10BASE-T compliant data transfer rate < 3 x USB 3.0 (3.1 Gen1) Type A receptacles < Two USB ports via on-Board USB controller, one USB port derived from HSE1 mezzanine connector © EKF -4- ekf.com |