| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32WL33C8VATR bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WL33C8VATR bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 91 page ![]() Table 34. Sensitivity at 915 MHz (SMPS clock frequency= 4 MHz) Parameter Test condition SMPS OFF HPM/LPM SMPS ON 0.1% BER 1% BER 0.1% BER 1% BER Sensitivity 0.1% BER @ 2-GFSK, BT = 0.5 DR = 0.3 kbit/s, FDEV = 0.25 kHz, CHF = 1.7 kHz -126 -128 -126 -128 dBm DR = 1.2 kbit/s, FDEV = 1.2 kHz, CHF = 4 kHz -122 -124 -122 -124 DR = 38.4 kbit/s, FDEV = 20 kHz, CHF = 74.8 kHz -110 -112 -110 -112 DR = 38.4 kbit/s, FDEV = 20 kHz, CHF = 100 kHz -109 -111 -109 -111 DR = 300 kbit/s, FDEV = 150 kHz, CHF = 780 kHz -100 -102 -100 -102 Sensitivity 0.1% BER @ 4-GFSK BT = 0.5 DR = 4.8 ks/s, DEV = 2.4 kHz, CHF = 10 kHz -110 -113 -110 -113 dBm DR = 9.6 ks/s, DEV = 4.8 kHz, CHF = 20 kHz -107 -110 -107 -110 DR = 19.2 ks/s, DEV = 9.6 kHz, CHF = 40 kHz -104 -107 -104 -107 DR = 300 ks/s, DEV = 300 kHz, CHF = 900 kHz -96 -99 -96 -99 Sensitivity 0.1% BER @ OOK DR = 0.3 kbit/s, CHF = 1.7 kHz -128 -131 -128 -131 dBm DR = 1.2 kbit/s, CHF = 4 kHz -122 -125 -122 -125 DR = 38.4 kbit/s, CHF = 120 kHz -107 -110 -107 -110 DR = 125 kbit/s, CHF = 400 kHz -102 -105 -102 -105 STM32WL33xx Electrical characteristics DS14221 - Rev 5 page 52/91 |