| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2500RGPR.B bảng dữ liệu(PDF) 86 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2500RGPR.B bảng dữ liệu(HTML) 86 Page - Texas Instruments |
|
86 / 99 page ![]() CC2500 SWRS040C Page 86 of 89 34 Ordering Information Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead Finish MSL Peak Temp (3) CC2500RTKR Active QFN RTK 20 3000 Green (RoHS & no Sb/Br) Cu NiPdAu LEVEL3-260C 1 YEAR CC2500RTK Active QFN RTK 20 92 Green (RoHS & no Sb/Br) Cu NiPdAu LEVEL3-260C 1 YEAR Orderable Evaluation Module Description Minimum Order Quantity CC2500-CC2550DK CC2500_CC2550 Development Kit 1 CC2500EMK CC1101 Development Kit 1 Figure 31: Ordering Information 35 References [1] CC2500 Errata Notes (swrz002.pdf) [2] AN032 2.4 GHz Regulations (swra060.pdf) [3] AN047 CC1100/CC2500 – Wake-On-Radio (swra126.pdf) [4] CC2500EM Reference Design 1.0 (swrr016.zip) |