công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BQ78350DBT-R1A.A bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện BQ78350DBT-R1A.A
Giải thích chi tiết về linh kiện  BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

BQ78350DBT-R1A.A bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button BQ78350DBT-R1A.A Datasheet HTML 13Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 14Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 15Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 16Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 17Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 18Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 19Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 20Page - Texas Instruments BQ78350DBT-R1A.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
BQ78350-R1A
www.ti.com
SLUSE05 – DECEMBER 2019
Product Folder Links: BQ78350-R1A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.3.1 Measurement System
9.2.3.1.1
Cell Voltages
The device is required to be configured in the AFE Cell Map register to determine which cells to measure based
on
the
physical
connections
to
the
BQ76920
AFE.
The
cell
voltage
data
is
available
through
CellVoltage1()…CellVoltage5(). The cell voltages are reported as they are physically stacked. For example, if the
device is configured for 3-series cells connected to VC1, VC2, and VC5 per the AFE Cell Map, then the cell
voltages are still reported via CellVoltage1(), CellVoltage2(), and CellVoltage3(), respectively.
For improved accuracy, offset calibration is available for each of these values and can be managed through the
BQSTUDIO tool. The procedure for calibration is described in the BQ78350-R1A Technical Reference Manual
(SLUUBD3) in the Calibration chapter.
9.2.3.1.2
External Average Cell Voltage
This is enabled by default (DA Configuration [ExtAveEN] = 1) and uses the external resistor divider connected
to the VEN and BAT pins to determine the average cell voltage of the battery pack. The average cell voltage is
available through ExtAveCellVoltage().
CAUTION
Care should be taken in the selection of the resistor and FETs used in this divider
circuit as the tolerance and temperature drift of these components can cause
increased measurement error and a gas gauging error if CEDV Gauging Config
[ExtAveCell] = 1 (default = 1).
For improved accuracy, offset and gain calibration is available for this value and can be managed through the
BQSTUDIO tool. The procedure for calibration is described in the BQ78350-R1A Technical Reference Manual
(SLUUBD3) in the Calibration chapter.
9.2.3.1.3
Current
Current data is taken from the BQ76920 and made available through Current(). The selection of the current
sense resistor connected to SRP and SRN of the BQ76920 is very important and there are several factors
involved.
The aim of the sense resistor selection is to use the widest ADC input voltage range possible.
To maximize accuracy, the sense resistor value should be calculated based on the following formula:
RSNS(min) = V(SRP) – V(SRN) / I(max)
(1)
Where: |V(SRP) – V(SRN)| = 200 mV
I(max) = Maximum magnitude of charge of discharge current (transient or DC)
NOTE
RSNS(min) should include tolerance, temperature drift over the application temperature,
and PCB layout tolerances when selecting the actual nominal resistor value.
When selecting the RSNS value, be aware that when selecting a small value, for example,
1 mΩ, then the resolution of the current measurement will be > 1 mA. In the example of
RSNS = 1 mΩ, the current LSB will be 8.44 mA.
For improved accuracy, offset and gain calibration are available for this value and can be managed through the
BQSTUDIO tool. The procedure for calibration is described in the BQ78350-R1A Technical Reference Manual
(SLUUBD3) in the Calibration chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com