công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PE-68280NLT. bảng dữ liệu(PDF) 1 Page - Pulse A Technitrol Company

tên linh kiện PE-68280NLT.
Giải thích chi tiết về linh kiện  SMT CURRENT SENSE TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PULSE [Pulse A Technitrol Company]
Trang chủ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68280NLT. bảng dữ liệu(HTML) 1 Page - Pulse A Technitrol Company

  PE-68280NLT. Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
111
SPM2007 (11/07)
Electrical Specifications @ 25°C — Operating Temperature -40°C to +130°C
SMT CURRENT SENSE
TRANSFORMERS
PE-68XXXNL Series
Current 2
Secondary
DCR (m
Ω MAX)
Part
5,6
Turns
Rating
Inductance
Primary
Secondary
Hipot
Number
Ratio
(A)
(mH MIN)
(1,3-2,4)
(5-6)
(VRMS)
PE-68210NL
1:1:50
15
3.8
1.15
380
500
PE-68280NL
1:1:100
15
14.8
1.15
930
500
PE-68383NL
1:1:200
15
59.2
1.15
3900
500
.490 ± .015
12,45 ± 0,38
2
5
1
4
6
3
.410 ± .015
10,41 ± 0,38
.495
12,57
MAX
.575
14,61
MAX
.280
7,11
MAX
.005/0,13
6 SURFACES
1
2
3
4
5
6
NS TURNS
1 TURN
1 TURN
NOTES:
1. The temperature of the component (ambient temperature plus temper-
ature rise) must be within the specified operating temperature range.
2.The maximum current rating is based upon temperature rise of the
component and represents the dc current which will cause a typical
temperature rise of 40°C with no air flow when both one turn windings
connected in parallel.
3. To calculate the value of the terminating resistor (Rt) use the following
formula: Rt (
Ω) = VREF * N / (Ipeak_primary)
4. The peak flux density of the device must remain below 2000 Gauss.
To calculate the peak flux density for a uni-polar current use the
following formula:
BPK = 14.29 * VREF * (Duty_Cycle_Max) * 105 / ( N * Freq_kHz)
* for bi-polar current applications divide BPK as calculated above by 2.
5. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to
the part number (i.e. PE-68210NL becomes PE-68210NLT). Pulse complies
to industry standard tape and reel specification EIA481.
6. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed
parts are not necessarily RoHS compliant, but are electrically and mechani-
cally equivalent to NL versions. If a part number does not have the "NL"
suffix, but an RoHS compliant version is required, please contact Pulse for
availability.
Mechanical
Schematic
.500
12,70
.400
10,16
.410
10,41
4x .100
2,54
2X .030
0,76
2X .100
2,54
4x .040
1,02
R
R
SUGGESTED PAD LAYOUT
Isecondary
Vref
RT
N
1
Iprimary
APPLICATION CIRCUIT
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
Height: 7.1mm Max
Footprint: 14.6mm x 12.6mm Max
Current Rating: up to 15A
Frequency Range: 50kHz to 500kHz


Số phần tương tự - PE-68280NLT.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pulse A Technitrol Comp...
PE-68280NLT PULSE-PE-68280NLT Datasheet
156Kb / 2P
SMT CURRENT SENSE TRANSFORMERS
More results

Mô tả tương tự - PE-68280NLT.

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pulse A Technitrol Comp...
P822X PULSE-P822X Datasheet
63Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8202NL PULSE-P8202NL Datasheet
80Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
P8208T PULSE-P8208T Datasheet
82Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
PB0027 PULSE-PB0027 Datasheet
112Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
logo
EPCOS
B82801A824A100 EPCOS-B82801A824A100 Datasheet
508Kb / 9P
SMT current sense transformers
logo
Pulse A Technitrol Comp...
PE-68280NLT PULSE-PE-68280NLT Datasheet
156Kb / 2P
SMT CURRENT SENSE TRANSFORMERS
PA0368.100NL PULSE-PA0368.100NL Datasheet
146Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
logo
TDK Electronics
B82801C TDK-B82801C Datasheet
511Kb / 2P
SMT Current Sense Transformers
logo
Pulse A Technitrol Comp...
PA1005.XXXNL PULSE-PA1005.XXXNL Datasheet
300Kb / 2P
SMT Current Sense Transformers
PE-68XXX PULSE-PE-68XXX Datasheet
119Kb / 1P
SMT CURRENT SENSE TRANSFORMERS
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com