công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M28840/20CC1DAD2 bảng dữ liệu(PDF) 21 Page - Amphenol PCD, Inc

tên linh kiện M28840/20CC1DAD2
Giải thích chi tiết về linh kiện  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLPCD [Amphenol PCD, Inc]
Trang chủ  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20CC1DAD2 bảng dữ liệu(HTML) 21 Page - Amphenol PCD, Inc

Back Button M28840/20CC1DAD2 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/20CC1DAD2 Datasheet HTML 18Page - Amphenol PCD, Inc M28840/20CC1DAD2 Datasheet HTML 19Page - Amphenol PCD, Inc M28840/20CC1DAD2 Datasheet HTML 20Page - Amphenol PCD, Inc M28840/20CC1DAD2 Datasheet HTML 21Page - Amphenol PCD, Inc M28840/20CC1DAD2 Datasheet HTML 22Page - Amphenol PCD, Inc M28840/20CC1DAD2 Datasheet HTML 23Page - Amphenol PCD, Inc M28840/20CC1DAD2 Datasheet HTML 24Page - Amphenol PCD, Inc M28840/20CC1DAD2 Datasheet HTML 25Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
40
41
ABLE A
DASH #
Conduit Size
Sealing Range
C Thread
M Ø Max.
V
Thread Class 2
Y Ø Max.
Min.
Max.
03
03
(.50) 12.7
(.63) 16.0
.875-20 UNEF
(1.12) 28.5
.1.00-20UNEF
(1.19) 30.23
04
04
(.63)16.0
(.75)19.1
1.000-20 UNEF
(1.25)31.8
1.188-18 UNEF
(1.38)35.1
05
05
(.75) 18.1
(.88) 22.4
1.125-18 UNEF
(1.43) 36.3
1.438-18 UNEF
(1.63) 41.4
06
06
(.88) 22.4
(1.00) 25.4
1.250-18 UNEF
(1.62) 41.2
1.750-18 UNS
(1.94) 49.3
08
08
(1.19) 30.2
(1.38) 35.1
1.625-18 UNEF
(1.81) 46.0
2.00-18 UNS
(2.19) 55.6
10
10
(1.44) 36.6
(1.63) 41.4
1.875-18 UNS
(2.18) 55.4
2.250-16 UN
(2.44) 62.0
12
12
(1.63) 41.4
(1.88) 47.8
2.125-16 UN
(2.56) 65.0
2.50-16 UN
(2.69) 68.3
16
16
(2.13) 54.1
(2.38) 60.5
2.750-16 UN
(3.06) 77.8
3.00-16 UN
(3.19) 81.0
M28840/30 METAL CONDUIT COUPLER STYLES A & B
M28840/30
16
W
A
DESIGNATION
DASH #
MATERIAL & FINISH
BACKSHELL STYLE
QPL: M28840/30
Commercial: IN28840/30
See Table A
W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel A: EMI, Non-Environmental
B: Environmental
TABLE A
Military
Shell Size
Shell Size
Backshell
Shell Size
A
Cable Enrty
B
Thread Class 2B
E Max.
H Max.
L Max.
Q Max.
Max.
Min.
A
11
A
(.312) 7.92
(.188) 4.77
.750-1P-.2L-DS
(.938) 23.82
(5.332) 135.43
(3.812) 96.82
(3.250) 82.55
A
11
B
(.438) 11.12
(.281) 7.13
(1.125) 28.57
(5.332) 135.43
(3.812) 96.82
(3.250) 82.55
A
11
C
(.562) 14.27
(.344) 8.73
(1.312) 33.32
(5.457) 138.60
(4.000) 101.6
(3.375) 85.72
B
13
A
(.438) 11.25
(.281) 7.13
.875-1P-.2L-DS
(1.125) 28.57
(5.332) 135.43
(3.812) 96.82
(3.250) 82.55
B
13
B
(.562) 14.27
(.344) 8.73
(1.312) 33.32
(5.457) 138.60
(4.000) 101.6
(3.375) 82.72
B
13
C
(.625) 16.56
(.375) 9.52
(1.312) 33.32
(5.682) 144.32
(4.250)107.95
(3.500) 88.9
C
15
A
(.438) 11.25
(.281) 7.13
1.062-1P-.2L-DS
(1.125) 28.57
(5.457) 138.60
(4.000) 101.6
(3.375) 85.72
C
15
B
(.562) 14.27
(.344) 8.73
(1.312) 33.32
(5.457) 138.60
(4.000) 101.6
(3.375) 85.72
C
15
C
(.625) 16.56
(.375) 9.52
(1.312) 33.32
(5.682) 114.32
(4.250)107.95
(3.500) 98.9
C
15
D
(.750) 19.05
(.438) 11.12
(1.593) 40.46
(5.713) 145.11
(4.150)104.77
(3.500) 88.9
D
17
A
(.625) 16.56
(.375) 9.52
1.125-1P-.2L-DS
(1.312) 33.32
(5.682) 144.32
(4.250)107.95
(3.500) 88.9
D
17
B
(.750) 19.05
(.438) 11.12
(1.593) 40.46
(5.713) 145.11
(4.250)107.95
(3.500) 88.9
E
19
A
(.625) 16.56
(.375) 9.52
1.312-1P-.2L-DS
(1.312) 33.32
(5.682) 144.32
(4.250)107.95
(3.500) 88.9
E
19
B
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(5.832) 148.13
(4.375)111.12
(3.625) 92.07
F
23
A
(.750) 19.05
(.438) 11.12
1.500-1P-.2L-DS
(1.593) 40.46
(5.713) 145.74
(4.500) 114.3
(3.625) 92.07
F
23
B
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(5.832) 148.13
(4.500) 114.3
(3.625) 92.07
F
23
C
(1.188) 30.17
(.812) 20.62
(2.093) 53.16
(6.019) 152.88
(4.688)119.07
(3.625) 92.07
G
25
A
(.938) 23.82
(.625) 15.87
1.625-1P-.2L-DS
(1.750) 44.45
(5.832) 148.13
(4.500) 114.3
(3.625) 92.07
G
25
B
(1.188) 30.17
(.812) 20.62
(2.093) 53.16
(6.019) 152.88
(4.688)119.07
(3.625) 92.07
G
25
C
(1.250) 31.75
(.875) 22.22
(2.093) 53.16
(6.144) 156.05
(4.688)119.07
(3.750) 95.25
G
25
D
(1.380) 35.05
(1.000) 25.4
(2.343) 59.51
(6.176) 156.87
(4.938)125.42
(3.750) 95.25
H
29
A
(1.188) 30.17
(.812) 20.62
1.812-1P-.2L-DS
(2.093) 53.16
(6.144) 156.05
(4.812)122.22
(3.750) 95.25
H
29
B
(1.380) 35.05
(1.000) 25.4
(2.343) 59.51
(6.176) 156.87
(4.938)125.42
(3.750) 95.25
J
33
A
(1.380) 35.05
(1.000) 25.4
2.000-1P-.2L-DS
(2.343) 59.51
(6.426) 163.22
(5.188)131.77
(4.000)101.6
J
33
B
(1.625) 41.27
(1.250) 31.75
(2.750) 69.85
(6.701) 170.20
(5.375)136.52
(4.000)101.6
M28840/29 PLUG CONNECTOR WITH 45o EMI/RFI BACKSHELL
M28840/29
C
G
1
b
A
P
1
DESIGNATION
MATERIAL & FINISH
SHELL
SIZE
INSERT BACKSHELL
SIZE
BACKSHELL STYLE
CONTACT
KEY
POSITION
QPL: M28840/29
Commercial: IN28840/29
C: Class DJ: Aluminum Cadmium Plate
U: Class ZJ Aluminum -Zinc Nickel,
Non-Reflective
M: Class TJ; Aluminum Tin Zinc,
Non- Reflective (Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
A
B
C
D
A: EMI Environmental
B: Environmental
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25