| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M28840/20MF1BAD2 bảng dữ liệu(PDF) 16 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/20MF1BAD2 bảng dữ liệu(HTML) 16 Page - Amphenol PCD, Inc |
|
16 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 30 31 TABLE A Military Shell Size Shell Size Backshell Shell Size A Cable Enrty B Thread Class 2B E Max. L Max. Max. Min. A 11 A (.312) 7.92 (.188) 4.77 .750-1P-.2L-DS (.938) 23.82 (6.625) 168.27 A 11 B (.438) 11.12 (.281) 7.13 (1.125) 31.75 (6.625) 168.27 A 11 C (.562) 14.27 (.344) 8.73 (1.312) 33.32 (6.625) 168.27 B 13 A (.312) 7.92 (.188) 4.77 .875-1P-.2L-DS (.938) 23.82 (6.625) 168.27 B 13 B (.438) 11.12 (.281) 7.13 (1.125) 31.75 (6.625) 168.27 B 13 C (.562) 14.27 (.344) 8.79 (1.312) 33.32 (6.625) 168.27 B 13 D (.652) 16.546 (.375) 9.52 (1.312) 33.32 (7.125) 184.15 C 15 A (.438) 11.12 (.281) 7.13 1.062-1P-.2L-DS (1.125) 31.75 (6.625) 168.27 C 15 B (.562) 14.27 (.344) 8.73 (1.312) 33.32 (6.625) 168.27 C 15 C (.625) 15.87 (.375) 9.52 (1.312) 33.32 (7.125) 180.97 C 15 D (.750) 19.05 (.438) 11.12 (1.593) 40.46 (7.188) 182.57 C 15 E (.312) 7.92 (.188) 4.77 (.938) 23.82 (6.625) 168.27 D 17 A (.625) 16.56 (.375) 9.52 1.125-1P-.2L-DS (1.312) 33.32 (7.125) 180.97 D 17 B (.750) 19.05 (.438) 11.12 (1.593) 40.46 (7.188) 182.57 D 17 C (.938) 23.82 (.625) 15.87 (1.750) 44.45 (7.188) 182.57 E 19 A (.625) 15.82 (.375) 9.52 1.312-1P-.2L-DS (1.312) 33.32 (7.125) 180.97 E 19 B (.938) 23.82 (.625) 15.87 (1.750) 44.45 (7.250) 184.15 F 23 A (.750) 19.05 (.438) 11.12 1.500-1P-.2L-DS (1.593) 40.46 (7.688) 195.27 F 23 B (.938) 23.82 (.625) 15.87 (1.750) 44.45 (7.812) 198.42 F 23 C (1.188) 30.17 (.812) 20.62 (2.093) 53.28 (7.938) 201.62 G 25 A (.938) 23.82 (.625) 15.87 1.625-1P-.2L-DS (1.750) 44.45 (7.750) 196.85 G 25 B (1.188) 30.17 (.812) 20.62 (2.093) 53.28 (8.438) 214.32 G 25 C (1.250) 31.75 (.875) 22.22 (2.093) 53.28 (8.438) 214.32 G 25 D (1.380) 95.05 (1.000) 25.4 (2.343) 59.51 (8.500) 215.9 H 29 A (1.188) 30.17 (.812) 20.62 1.812-1P-.2L-DS (2.093) 53.28 (8.438) 214.32 H 29 B (1.380) 35.05 (1.000) 25.4 (2.343) 59.51 (8.500) 215.9 J 33 A (1.380) 35.05 (1.000) 25.4 2.000-1P-.2L-DS (2.343) 59.51 (8.500) 215.9 J 33 B (1.625) 41.27 (1.250) 31.75 (2.750) 69.85 (8.750) 222.25 M28840/21 RECEPTACLE CONNECTOR WITH STRAIGHT EMI/RFI BACKSHELL M28840/21 C G 1 A A P 1 DESIGNATION MATERIAL & FINISH SHELL SIZE INSERT BACK- SHELL SIZE BACKSHELL STYLE CONTACT KEY POSITION QPL: M28840/21 Commercial: IN28840/21 C: Class DJ: Aluminum Cadmium Plate U: Class ZJ Aluminum -Zinc Nickel, Non-Reflective M: Class TJ; Aluminum Tin Zinc, Non- Reflective (Commercial only) A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 1 A B C D A: EMI Environmental B: Environmental F: Pin, Size 20 G: Socket, Size 20 P: Pin, Size, 22 S: Socket, Size, 22 D: Pin, Size, 28 E: Socket, Size, 28 1 2 3 4 5 6 M28840/22 METAL CONDUIT BUSHING M28840/22 S 03 DESIGNATION MATERIAL DASH # QPL: M28840/22 Commercial: IN28840/22 S: Corrosion Resistant Steel 03 04 05 06 08 10 12 16 TABLE A DASH # MIL-DTL-28840/04 Size Ref. A 0.5 (.02) B 0.12 (.05) C 0.12 (.05) D 0.12 (.05) 03 03 (.375) 9.53 (.540) 13.71 (.625) 15.87 (.525) 13.34 04 04 (.500) 12.70 (.665) 16.89 (.750) 19.05 (.650) 16.51 05 05 (.625) 15.87 (.780) 19.81 (.875) 22.23 (.775) 19.69 06 06 (.750) 19.05) (.940) 23.88 (1.000) 25.40 (.900) 22.86 08 08 (1.000) 25.40 (1.225) 31.12 (1.375) 34.93 (1.275) 32.39 10 10 (1.250) 31.75 (1.470) 37.34 (1.625) 41.28 (1.525) 38.74 12 12 (1.500) 38.10 (1.740) 44.20 (1.875) 47.65 (1.775) 45.09 16 16 (2.000) 50.80 (2.215) 56.26 (2.375) 60.33 (2.275) 57.79 +- +- +- +- |