| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA381BWSTR bảng dữ liệu(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWSTR bảng dữ liệu(HTML) 57 Page - STMicroelectronics |
|
57 / 174 page ![]() DocID018937 Rev 7 57/174 STA381BWS Register description: New Map 2.1 channels, two full-bridges + one external full-bridge (OPER = 10) FFX1A -> OUT1A FFX1B -> OUT1B FFX2A -> OUT2A FFX2B -> OUT2B FFX3A -> OUT3A FFX3B -> OUT3B EAPD -> OUT4A TWARN -> OUT4B FFX1A/1B configured as ternary FFX2A/2B configured as ternary FFX3A/3B configured as ternary FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the external bridge control signals are muxed. In this configuration the PWM slot phase is the following as shown in Figure 25. Figure 25. 2.1 channels (OPER = 10) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B Obsolete Product(s) - Obsolete Product(s) |