| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA381BWS bảng dữ liệu(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS bảng dữ liệu(HTML) 58 Page - STMicroelectronics |
|
58 / 174 page ![]() Register description: New Map STA381BWS 58/174 DocID018937 Rev 7 6.11 FUNCT register (addr 0x0A) 6.11.1 Dual-band DRC The STA381BWS device provides a dual-band DRC (B2DRC) on the left and right channels data path, as depicted in Figure 26. Dual-band DRC is activated by setting MDRCE = 1. Figure 26. B2DRC scheme The low-frequency information (LFE) is extracted from the left and right channels, removing the high frequencies using a programmable biquad filter, and then computing the difference D7 D6 D5 D4 D3 D2 D1 D0 Reserved CRC APEQ PEQ Reserved AMDRC MDRCE DRC 00100000 Table 25. FUNCT register Bit R/W RST Name Description 6 R/W 0 CRC 0: disable CRC computation and comparison 1: enable CRC computation and comparison 5 R/W 1 APEQ 0: extended BQ disabled, 8th biquadratic filter disabled 1: extended BQ enabled, 8th biquadratic filter enabled 4 R/W 0 PEQ 0: Normal operation 1: PEQ disabled, disables all biquadratic filters 2 R/W 0 AMDRC 0: STCompressor bypassed 1: STCompressor enabled 1 R/W 0 MDRCE 0: MDRCE bypassed 1: MDRCE enabled 0 R/W 0 DRC 0: DRC disabled 1: DRC enabled B2DRC Hi-pass XO filter L R B2DRC Hi-pass XO filter - Channel 1 Volume DRC 1 Channel 3 Volume DRC 2 ++ - + Channel 3 Volume DRC 2 Channel 2 Volume DRC 1 + Obsolete Product(s) - Obsolete Product(s) |