| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BQ40Z50RSMT-R1 bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
BQ40Z50RSMT-R1 bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 56 page ![]() DMAddr (16bit) Cell Balancing Over Current Comparator Short Circuit Comparator Power On Reset Voltage Reference2 Watchdog Timer Zero Volt Charge Control Wake Comparator Internal Temp Sensor Random Number Generator AFE Control ADC MUX Cell Detach Detection High Frequency Oscillator SBS COM Engine AFE COM Engine I/O & Interrupt Controller Data Flash EEPROM ADC/CC Digital Filter Program Flash EEPROM bqBMP CPU Timers & PWM PMAddr (16bit) PMInstr (8bit) Cell, Stack, Pack Voltage Voltage Reference1 SMBC SMBD LEDCNTLA LEDCNTLB LEDCNTLC /DISP /PRES or /SHUTDN BTP_INT FUSE PTCEN SRP High Side N-CH FET Drive P-CH FET Drive FUSE Control High Voltage I/O LED Display Drive I/O Power Mode Control SBS High Voltage Translation Low Frequency Oscillator ADC/CC FRONTEND 1.8V LDO Regulator TS1 TS2 TS3 TS4 Low Voltage I/O PTC Overtemp PTC SRN AFE COM Engine Data SRAM Data (8bit) I /O NTC Bias bq40z50-R1 SLUSCB3 – JULY 2015 www.ti.com 8 Detailed Description 8.1 Overview The bq40z50-R1 device, incorporating patented Impedance Track™ technology, provides cell balancing while charging or at rest. This fully integrated, single-chip, pack-based solution provides a rich array of features for gas gauging, protection, and authentication for 1-series, 2-series, 3-series, and 4-series cell Li-Ion and Li-Polymer battery packs, including a diagnostic lifetime data monitor and black box recorder. 8.2 Functional Block Diagram 22 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: bq40z50-R1 |