| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMC7836IPAP.B bảng dữ liệu(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AMC7836IPAP.B bảng dữ liệu(HTML) 68 Page - Texas Instruments |
|
68 / 91 page ![]() 68 AMC7836 SLAS986D – NOVEMBER 2014 – REVISED FEBRUARY 2018 www.ti.com Product Folder Links: AMC7836 Submit Documentation Feedback Copyright © 2014–2018, Texas Instruments Incorporated 7.6.12 Alarm Hysteresis Configuration: Address 0xA0 and 0xA5 The hysteresis registers define the hysteresis in the out-of-range alarms. 7.6.12.1 ADCn-Hysteresis Register (address = 0xA0 through 0xA4) [reset = 0x08] Figure 107. ADCn-Hysteresis Register (R/W) 7 6 5 4 3 2 1 0 Reserved HYSTn(6:0) R/W-0 R/W-0x08 Table 55. ADCn-Hysteresis Register Field Descriptions Bit Field Type Reset Description 7 Reserved R/W 0 Reserved for factory use. 6-0 HYSTn(6:0) R/W 0x08 Hysteresis of general purpose ADC_n, 1 LSB per step 7.6.12.2 LT-Hysteresis Register (address = 0xA5) [reset = 0x08] Figure 108. LT-Hysteresis Register (R/W) 7 6 5 4 3 2 1 0 Reserved HYST-LT(4:0) R/W-All zeros R/W-0x08 Table 56. LT-Hysteresis Register Field Descriptions Bit Field Type Reset Description 7-5 Reserved R/W All zeros Reserved for factory use. 4-0 HYST-LT(4:0) R/W 0x08 Hysteresis of local temperature sensor, 1°C per step. The range is 0°C to 31°C. 7.6.13 Clear and Power-Down Registers: Address 0xB0 through 0XB4 7.6.13.1 DAC Clear 0 Register (address = 0xB0) [reset = 0x00] Figure 109. DAC Clear 0 Register (R/W) 7 6 5 4 3 2 1 0 CLR-B7 CLR-B6 CLR-B5 CLR-B4 CLR-A3 CLR-A2 CLR-A1 CLR-A0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 Table 57. DAC Clear 0 Register Field Descriptions Bit Field Type Reset Description 7 CLR-B7 R/W 0 This register uses software to force the DAC into a clear state. If CLRn = 1, DAC_n is forced into a clear state. If CLRn = 0, DAC_n is restored to normal operation. 6 CLR-B6 R/W 0 5 CLR-B5 R/W 0 4 CLR-B4 R/W 0 3 CLR-A3 R/W 0 2 CLR-A2 R/W 0 1 CLR-A1 R/W 0 0 CLR-A0 R/W 0 |