| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP1540DJ bảng dữ liệu(PDF) 1 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP1540DJ bảng dữ liệu(HTML) 1 Page - Monolithic Power Systems |
|
1 / 8 page ![]() MP1540 1.3MHz, 18V Step-Up Converter MP1540 Rev. 1.0 www.MonolithicPower.com 1 8/15/2005 MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. © 2005 MPS. All Rights Reserved. The Future of Analog IC Technology TM TM DESCRIPTION The MP1540 is a 5-pin thin TSOT23 current mode step-up converter intended for small, lo w power applications. The MP1540 switches a t 1.3MHz and allows the use of tiny, low cost capacitors and inductors 2mm or less in height. Internal soft-start results in small inr ush current and extends battery life. The MP1540 operates from an input voltage a s lo w as 2. 5V and can generate 1 2V at up t o 200mA f rom a 5 V supply. The MP1540 include s under voltage lockout, current limiting, an d thermal overload protection to prevent damage in the event of an output overload. T he MP1540 is available in a small 5-pin TSOT23 package. FEATURES • On Board Power MOSFET • Uses Tiny Capacitors and Inductors • 1.3MHz Fixed Switching Frequency • Internal Soft-Start • Operates with Input Voltage as Low as 2.5V and Output Voltage as High as 18V • 12V at 200mA from 5V Input • UVLO, Thermal Shutdown • Internal Current Limit • Available in a TSOT23-5 Package APPLICATIONS • Camera Phone Flash • Handheld Computers and PDAs • Digital Still and Video Cameras • Ex ternal Modems • Small LCD Displays • White LED Driver “MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic Power Systems, Inc. TYPICAL APPLICATION VIN 5V VOUT 12V 200mA D1 MP1540 SW IN FB GND EN 51 3 2 4 OFF ON MP1540_TAC01 100 95 90 85 80 75 70 65 60 55 50 0 75 150 225 300 375 450 LOAD CURRENT (mA) MP1540_TAC_EC01 Efficiency vs Load Current VIN = 3.3V VIN = 5V VIN = 4.2V http://www.Datasheet4U.com |
Số phần tương tự - MP1540DJ |
|
Mô tả tương tự - MP1540DJ |