| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
K50 bảng dữ liệu(PDF) 2 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
K50 bảng dữ liệu(HTML) 2 Page - Banner Engineering Corp. |
|
2 / 8 page ![]() Vibration Feedback Only applicable to Vibration Feedback models. See Pro Editor Manual for additional information. Vibration Description Off No vibration on touch On Steady vibration on touch Pattern Only available if Animation is defined as Flash or Two Color Flash. The vibration follows the defined animation flash Pattern (Normal, Strobe, 3-Pulse, SOS, Random) and animation Speed (Slow, Standard, Fast). Wiring Diagrams For the Vibration Feedback models, for all touch conditions, the default Vibration Feedback is On and the type of vibration feedback is Steady. GRY3 Models NPN PNP Key 12-30V dc – + 1 3 2 4 5 Load 1* 2 12-30V dc – + 1 3 2 4 5 Load 1* 2 Pin 1 = Brown Pin 2 = White* Pin 3 = Blue Pin 4 = Black Pin 5 = Gray Touch toggles output *Can be configured as an output using Pro Editor software Table 1: GRY3 Multicolor Color/Function Definition Green Yellow Red Input 1 X X Input 2 X X RGB14 Models NPN PNP Key 2 7 – + 1 3 4 5 6 8 1 2 3 Load 12-30V dc Flash Input 4* 2 7 – + 1 3 4 5 6 8 1 2 3 Load 12-30V dc Flash Input 4* Pin 1 = White Pin 2 = Brown Pin 3 = Green Pin 4 = Yellow Pin 5 = Gray* Pin 6 = Pink Pin 7 = Blue Pin 8 = Red Touch toggles output *Can be configured as an output using Pro Editor software K50 Pro Touch Button 2 www.bannerengineering.com - Tel: + 1 888 373 6767 P/N 207477 Rev. F |