công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KITVALVECNTLEVM bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện KITVALVECNTLEVM
Giải thích chi tiết về linh kiện  KITVALVECNTLEVM Valve Controller SoC Evaluation Kit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KITVALVECNTLEVM bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button KITVALVECNTLEVM Datasheet HTML 6Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 7Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 8Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 9Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 10Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 11Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 12Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 13Page - Freescale Semiconductor, Inc KITVALVECNTLEVM Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Installing the Software and Setting up the Hardware
KTVALVECNTLEVMUG Rev. 1.0
10
Freescale Semiconductor, Inc.
4
Installing the Software and Setting up the Hardware
4.1
Installing User Firmware on the KITVALVECNTLEVM
The KITVALVECNTLEVM comes with firmware installed. As an option, you can also develop your own firmware and download it to the
EVB. To do so, you must:
1. Purchase a USB BDM Multilink programming cable (See the P&E Micro site at the following url:
https://www.pemicro.com/products/product_viewDetails.cfm?product_id=33).
2. Locate the programming connector (see Table 4) on the EVB. Attach the 6-pin (Berg) connector to the program connector.
Make sure the red wire side of the cable is at the J1 side of the connector.
3. Attach the USB end of the cable to the PC
4. Install Freescale’s CodeWarrior V10.x on the PC
5. Use the S12Z Multilink Programmer/Debugger to perform the programming and download the code.
4.2
Installing CodeWarrior
Freescale’s CodeWarrior for MCUs integrates the development tools for several architectures, including the S12Z architecture, into a
single product based on the Eclipse open development platform. Eclipse offers an excellent framework for building software development
environments and is a standard framework used by many embedded software vendors. The latest version of CodeWarrior for MCUs
(Eclipse IDE) can be downloaded from freescale.com/CodeWarrior.
During the installation, there is a request to select components to install. You must install at least the ColdFire component. This kit also
requires the S12Z component. Select the S12Z component and click on “Next” to complete the installation.
Figure 4. Code Warrior GUI
For additional instructions on installing and using CodeWarrior see the “CodeWarrior Development Studio for Microcontrollers V10.x Quick
Start” guide the following URL:
http://cache.freescale.com/files/soft_dev_tools/doc/quick_ref_guide/MCU_QS.pdf?fpsp=1&WT_TYPE=Quick%20Reference%20Guides
&WT_VENDOR=FREESCALE&WT_FILE_FORMAT=pdf&WT_ASSET=Documentation&fileExt=.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18