công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M28840/20CD1CAP2 bảng dữ liệu(PDF) 4 Page - Amphenol PCD, Inc

tên linh kiện M28840/20CD1CAP2
Giải thích chi tiết về linh kiện  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLPCD [Amphenol PCD, Inc]
Trang chủ  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20CD1CAP2 bảng dữ liệu(HTML) 4 Page - Amphenol PCD, Inc

  M28840/20CD1CAP2 Datasheet HTML 1Page - Amphenol PCD, Inc M28840/20CD1CAP2 Datasheet HTML 2Page - Amphenol PCD, Inc M28840/20CD1CAP2 Datasheet HTML 3Page - Amphenol PCD, Inc M28840/20CD1CAP2 Datasheet HTML 4Page - Amphenol PCD, Inc M28840/20CD1CAP2 Datasheet HTML 5Page - Amphenol PCD, Inc M28840/20CD1CAP2 Datasheet HTML 6Page - Amphenol PCD, Inc M28840/20CD1CAP2 Datasheet HTML 7Page - Amphenol PCD, Inc M28840/20CD1CAP2 Datasheet HTML 8Page - Amphenol PCD, Inc M28840/20CD1CAP2 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
7
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
6
M28840 SHIPBOARD CONNECTORS
Shell Size & Contacts
Shell Size 11
7 Contacts
Shell Size 13
12 Contacts
Shell Size 15
21 Contacts
Shell Size 17
31 Contacts
Shell Size 19
42 Contacts
Shell Size 23
64 Contacts
Shell Size 25
92Contacts
Shell Size 29
121 Contacts
Shell Size 33
155 Contacts
TABLE A
Military
Shell Size
Shell Size
A
Thread Class 2B
B Ø Max.
C Max.
D Max.
Screw Size Ref.
A
Cable Enrty
Min.
Max.
A
11
.750-20 UNEF
(1.028) 26.11
(1.091) 27.71
(.903) 2.94
.114-40
(.177) 4.50
(.286) 7.26
B
13
.875-20 UNEF
(1.141) 28.98
(1.091) 27.71
(.977) 24.82
.114-40
(.177) 4.50
(.286) 7.26
C
15
1.000-20 UNEF
(1.263) 32.08
(1.091) 27.71
(1.151) 29.24
.114-40
(.250) 6.35
(.416) 10.57
D
17
1.125-18 UNEF
(1.387) 35.23
(1.206) 30.63
(1.281) 32.54
.114-40
(.291) 7.39
(.476) 12.09
E
19
1.250-18 UNEF
(1.513) 38.43
(1.320) 33.53
(1.406) 35.71
.114-40
(.348) 8.84
(.626) 15.90
F
23
1.438-18 UNEF
(1.703) 43.26
(1.445) 36.70
(1.576) 40.03
.134-32
(.429) 10.90
(.831) 21.11
G
25
1.562-18 UNEF
(1.825) 46.36
(1.570) 39.88
(1.666) 42.32
.134-32
(.523) 13.28
(.956) 24.28
H
29
1.875-16 UN
(2.143) 54.43
(1.721) 43.71
(2.046) 51.97
.134-32
(.643) 16.33
(1.081) 27.46
J
33
2.062-16 UNS
(2.329) 59.16
(1.908) 48.46
(2.209) 56.11
.162-32
(.704) 17.88
(1.187) 30.15
M28840/1 STRAIGHT STRAIN RELIEF BACKSHELL
M28840/1
J
W
DESIGNATION
SHELL SIZE
MATERIAL & FINISH
QPL: M28840/1
Commercial: IN28840/1
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel
S: Aluminum -Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25