| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M28840/20CD1BAP2 bảng dữ liệu(PDF) 23 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/20CD1BAP2 bảng dữ liệu(HTML) 23 Page - Amphenol PCD, Inc |
|
23 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 44 45 CONTACT INSERTION/EXTRACTION INSTRUCTIONS 1. Tools Be sure that all proper assembly tools are on hand & properly calibrated. 2. Stripping Strip wire inds to 3/16” for 20-32 AWG, taking care not to nick or cut wire strands. Hold insulation & twist strands to eliminate any splaying. 3. Wire Insertion Insert wire into crimp well of contact. Don’t force. Wire strands must be visible through inspection hole. 4. Crimping Using crimp tool & positioner noted above insert wire & contact into locator jaws. Squeeze tool handle complete- ly until ratchet releases. Remove wired contact from tool (Pic. 4). 5. Backshell Preperation Slide backshell/strain relief over jacketed cable or wires in proper order for re-assembly. Contact factory for proper jacketed cable assembly. 6. Contact Preperation Slide wired contact into insertion tool of choice so that the tip of the tool butts against the shoulder of the contact. MIL-DTL-28840 POLARIZATION KEYWAYS/PANEL CUT OUT Military Shell Size Shell Size P Ø LL Flat O Ref. Mating Hole A 11 (.890) 22.60 (.880) 22.25 (.853) 21.67 (.843) 21.41 (.812) 20.62 B 13 (1.015) 25.78 (1.005) 25.53 (.978) 24.84 (.968) 24.59 (.937) 23.80 C 15 (1.203) 30.55 (1.193) 30.3 (1.165) 29.59 (1.155) 29.34 (1.124) 28.55 D 17 (1.265) 32.13 (1.255) 25.40 (1.228) 31.19 (1.218) 30.94 (1.187) 30.15 E 19 (1.453) 36.91 (1.443) 36.65 (1.415) 35.94 (1.405) 35.69 (1.374) 34.90 F 23 (1.640) 41.66 (1.630) 41.40 (1.603) 40.72 (1.593) 40.46 (1.562) 39.67 G 25 (1.765) 44.83 (1.755) 44.57 (1.728) 43.89 (1.718) 43.64 (1.687) 42.85 H 29 (1.953) 49.60 (1.943) 49.35 (1.915) 48.64 (1.905) 48.38 (1.874) 47.60 J 33 (2.140) 54.36 (2.130) 54.10 (2.103) 53.42 (2.093) 53.16 (2.062) 52.37 Military Shell Size Shell Size Key & Keyway Arrangement ARo or APo BSC BRo or BPo BSC CRo or CPo BSC DRo or DPo BSC A B 11 13 1 95 141 208 236 2 113 156 182 292 3 90 145 195 252 4 53 156 220 255 5 119 146 176 298 6 51 141 184 242 C D 15 17 1 80 142 196 293 2 135 170 200 310 3 49 169 200 244 4 66 140 200 257 5 62 145 180 280 6 79 153 197 272 E F G H J 19 23 25 29 33 1 80 142 196 293 2 135 170 200 310 3 49 169 200 244 4 66 140 200 257 5 62 145 180 280 6 79 153 197 272 |