công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M28840/20CC1BAP2 bảng dữ liệu(PDF) 16 Page - Amphenol PCD, Inc

tên linh kiện M28840/20CC1BAP2
Giải thích chi tiết về linh kiện  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLPCD [Amphenol PCD, Inc]
Trang chủ  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20CC1BAP2 bảng dữ liệu(HTML) 16 Page - Amphenol PCD, Inc

Back Button M28840/20CC1BAP2 Datasheet HTML 12Page - Amphenol PCD, Inc M28840/20CC1BAP2 Datasheet HTML 13Page - Amphenol PCD, Inc M28840/20CC1BAP2 Datasheet HTML 14Page - Amphenol PCD, Inc M28840/20CC1BAP2 Datasheet HTML 15Page - Amphenol PCD, Inc M28840/20CC1BAP2 Datasheet HTML 16Page - Amphenol PCD, Inc M28840/20CC1BAP2 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/20CC1BAP2 Datasheet HTML 18Page - Amphenol PCD, Inc M28840/20CC1BAP2 Datasheet HTML 19Page - Amphenol PCD, Inc M28840/20CC1BAP2 Datasheet HTML 20Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
30
31
TABLE A
Military
Shell Size
Shell Size
Backshell
Shell Size
A
Cable Enrty
B
Thread Class 2B
E Max.
L Max.
Max.
Min.
A
11
A
(.312) 7.92
(.188) 4.77
.750-1P-.2L-DS
(.938) 23.82
(6.625) 168.27
A
11
B
(.438) 11.12
(.281) 7.13
(1.125) 31.75
(6.625) 168.27
A
11
C
(.562) 14.27
(.344) 8.73
(1.312) 33.32
(6.625) 168.27
B
13
A
(.312) 7.92
(.188) 4.77
.875-1P-.2L-DS
(.938) 23.82
(6.625) 168.27
B
13
B
(.438) 11.12
(.281) 7.13
(1.125) 31.75
(6.625) 168.27
B
13
C
(.562) 14.27
(.344) 8.79
(1.312) 33.32
(6.625) 168.27
B
13
D
(.652) 16.546
(.375) 9.52
(1.312) 33.32
(7.125) 184.15
C
15
A
(.438) 11.12
(.281) 7.13
1.062-1P-.2L-DS
(1.125) 31.75
(6.625) 168.27
C
15
B
(.562) 14.27
(.344) 8.73
(1.312) 33.32
(6.625) 168.27
C
15
C
(.625) 15.87
(.375) 9.52
(1.312) 33.32
(7.125) 180.97
C
15
D
(.750) 19.05
(.438) 11.12
(1.593) 40.46
(7.188) 182.57
C
15
E
(.312) 7.92
(.188) 4.77
(.938) 23.82
(6.625) 168.27
D
17
A
(.625) 16.56
(.375) 9.52
1.125-1P-.2L-DS
(1.312) 33.32
(7.125) 180.97
D
17
B
(.750) 19.05
(.438) 11.12
(1.593) 40.46
(7.188) 182.57
D
17
C
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(7.188) 182.57
E
19
A
(.625) 15.82
(.375) 9.52
1.312-1P-.2L-DS
(1.312) 33.32
(7.125) 180.97
E
19
B
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(7.250) 184.15
F
23
A
(.750) 19.05
(.438) 11.12
1.500-1P-.2L-DS
(1.593) 40.46
(7.688) 195.27
F
23
B
(.938) 23.82
(.625) 15.87
(1.750) 44.45
(7.812) 198.42
F
23
C
(1.188) 30.17
(.812) 20.62
(2.093) 53.28
(7.938) 201.62
G
25
A
(.938) 23.82
(.625) 15.87
1.625-1P-.2L-DS
(1.750) 44.45
(7.750) 196.85
G
25
B
(1.188) 30.17
(.812) 20.62
(2.093) 53.28
(8.438) 214.32
G
25
C
(1.250) 31.75
(.875) 22.22
(2.093) 53.28
(8.438) 214.32
G
25
D
(1.380) 95.05
(1.000) 25.4
(2.343) 59.51
(8.500) 215.9
H
29
A
(1.188) 30.17
(.812) 20.62
1.812-1P-.2L-DS
(2.093) 53.28
(8.438) 214.32
H
29
B
(1.380) 35.05
(1.000) 25.4
(2.343) 59.51
(8.500) 215.9
J
33
A
(1.380) 35.05
(1.000) 25.4
2.000-1P-.2L-DS
(2.343) 59.51
(8.500) 215.9
J
33
B
(1.625) 41.27
(1.250) 31.75
(2.750) 69.85
(8.750) 222.25
M28840/21 RECEPTACLE CONNECTOR WITH STRAIGHT EMI/RFI BACKSHELL
M28840/21
C
G
1
A
A
P
1
DESIGNATION
MATERIAL & FINISH
SHELL
SIZE
INSERT
BACK-
SHELL SIZE
BACKSHELL STYLE
CONTACT
KEY
POSITION
QPL: M28840/21
Commercial: IN28840/21
C: Class DJ: Aluminum Cadmium Plate
U: Class ZJ Aluminum -Zinc Nickel,
Non-Reflective
M: Class TJ; Aluminum Tin Zinc,
Non- Reflective (Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
A
B
C
D
A: EMI Environmental
B: Environmental
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6
M28840/22 METAL CONDUIT BUSHING
M28840/22
S
03
DESIGNATION
MATERIAL
DASH #
QPL: M28840/22
Commercial: IN28840/22
S: Corrosion Resistant Steel
03
04
05
06
08
10
12
16
TABLE A
DASH #
MIL-DTL-28840/04
Size Ref.
A
0.5 (.02)
B
0.12 (.05)
C
0.12 (.05)
D
0.12 (.05)
03
03
(.375) 9.53
(.540) 13.71
(.625) 15.87
(.525) 13.34
04
04
(.500) 12.70
(.665) 16.89
(.750) 19.05
(.650) 16.51
05
05
(.625) 15.87
(.780) 19.81
(.875) 22.23
(.775) 19.69
06
06
(.750) 19.05)
(.940) 23.88
(1.000) 25.40
(.900) 22.86
08
08
(1.000) 25.40
(1.225) 31.12
(1.375) 34.93
(1.275) 32.39
10
10
(1.250) 31.75
(1.470) 37.34
(1.625) 41.28
(1.525) 38.74
12
12
(1.500) 38.10
(1.740) 44.20
(1.875) 47.65
(1.775) 45.09
16
16
(2.000) 50.80
(2.215) 56.26
(2.375) 60.33
(2.275) 57.79
+-
+-
+-
+-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25