công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M28840/20CF1AAP2 bảng dữ liệu(PDF) 11 Page - Amphenol PCD, Inc

tên linh kiện M28840/20CF1AAP2
Giải thích chi tiết về linh kiện  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLPCD [Amphenol PCD, Inc]
Trang chủ  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20CF1AAP2 bảng dữ liệu(HTML) 11 Page - Amphenol PCD, Inc

Back Button M28840/20CF1AAP2 Datasheet HTML 7Page - Amphenol PCD, Inc M28840/20CF1AAP2 Datasheet HTML 8Page - Amphenol PCD, Inc M28840/20CF1AAP2 Datasheet HTML 9Page - Amphenol PCD, Inc M28840/20CF1AAP2 Datasheet HTML 10Page - Amphenol PCD, Inc M28840/20CF1AAP2 Datasheet HTML 11Page - Amphenol PCD, Inc M28840/20CF1AAP2 Datasheet HTML 12Page - Amphenol PCD, Inc M28840/20CF1AAP2 Datasheet HTML 13Page - Amphenol PCD, Inc M28840/20CF1AAP2 Datasheet HTML 14Page - Amphenol PCD, Inc M28840/20CF1AAP2 Datasheet HTML 15Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
20
21
M28840/11 IN-LINE RECEPTACLE CONNECTOR
M28840/11
A
G
1
P
1
DESIGNATION
MATERIAL & FINISH
SHELL SIZE
INSERT
CONTACT
KEY POSITION
QPL: M28840/11
Commercial: IN28840/11
A: Aluminum, Cadmium Plate, O.D.
over Electroless Nickel
S: Aluminum-Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective
(Commercial only)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6
TABLE A
Military
Shell Size
Shell Size
A
Thread Class 2A
V
Thread Class 2A
R
S Ø
A
11
.750-.1P-.2L-D.S.
.750-20 UNEF
(.768) 19.51
(.758) 19.25
(.963) 24.46
(.943) 23.95
B
13
.875-.1P-.2L-D.S.
.875-20 UNEF
(.893) 22.68
(.883) 22.43
(1.088) 27.63
(1.063) 27.13
C
15
1.062-.1P-.2L-D.S.
1.000-20 UNEF
(1.080) 27.43
(1.070) 27.18
(1.275) 32.38
(1.255) 31.88
D
17
1.125-.1P-.2L-D.S.
1.125-18 UNEF
(1.143) 29.03
(1.133) 28.78
(1.338) 33.98
(1.318) 33.48
E
19
1.312-.1P-.2L-D.S.
1.250-18 UNEF
(1.330) 33.78
(1.320) 33.53
(1.525) 38.74
1.505) 38.23
F
23
1.500-.1P-.2L-D.S.
1.437-18 UNEF
(1.518) 38.56
(1.508) 38.30
(1.713) 43.51
(1.693) 43.00
G
25
1.625-.1P-.2L-D.S.
1.562-18 UNEF
(1.643) 41.73
(1.633) 41.48
(1.838) 46.09
(1.818) 46.18
H
29
1.812-.1P-.2L-D.S.
1.875-16 UN
(1.893) 48.08
(1.883) 47.83
(2.088) 53.04
(2.068) 52.53
J
33
2.000-.1P-.2L-D.S.
2.062-16 UNS
(2.080) 52.83
(2.070) 52.58
(2.275) 57.78
(2.255) 57.28
M28840/12 BOX MOUNT RECEPTACLE CONNECTOR
M28840/12
A
2
G
1
P
1
DESIGNATION
MATERIAL & FINISH
LENGTH
SHELL SIZE INSERT
CONTACT
KEY
POSITION
QPL: M28840/12
Commercial: IN28840/12
A: Aluminum, Cadmium Plate, O.D.
over Electroless Nickel
S: Aluminum-Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective
(Commercial only)
Omit:
Standard -
(Figure 1)
2: Long -
(Figure 2)
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
1
F: Pin, Size 20
G: Socket, Size 20
P: Pin, Size, 22
S: Socket, Size, 22
D: Pin, Size, 28
E: Socket, Size, 28
1
2
3
4
5
6
TABLE A
Military
Shell Size
Shell Size
N Ø Max.
O
Ref. Mating Hole
R True Position
to
S
T
GG Ø Max.
A
11
(.750) 19.05
(.812) 20.62
(.750) 19.05
(1.043) 26.49
(1.003) 25.48
(.130) 3.30
(.115) 2.92
(.758) 19.25
B
13
(.875 )22.22
(.937) 23.80
(.843) 21.41
(1.158) 29.41
(1.118) 28.40
(.880) 22.35
C
15
(1.062) 26.97
(1.124) 28.55
(.968) 24.59
(1.278) 32.46
(1.238) 31.45
(1.005) 25.53
D
17
(1.125) 28.58
(1.187) 30.15
(1.015) 25.78
(1.403) 35.64
(1.363) 34.62
(1.130) 28.70
E
19
(1.312) 33.32
(1.374) 34.90
(1.140) 28.96
(1.528) 38.81
(1.488) 37.80
(1.255) 31.88
F
23
(1.500) 38.10
(1.562) 39.67
(1.281) 32.54
(1.738) 44.15
(1.698) 43.13
(1.443) 36.65
G
25
(1.625) 41.28
(1.687) 42.85
(1.392) 35.36
(1.838) 46.69
(1.798) 45.67
(.157) 3.99
(.142) 3.61
(1.567) 39.80
H
29
(1.812) 46.02
(1.874) 47.60
(1.568) 39.83
(2.158) 54.81
(2.118) 53.80
(1.880) 47.75
J
33
(2.000) 50.80
(2.062) 52.37
(1.734) 44.04
(2.343) 59.64
(2.308) 58.62
(.183) 4.65
(.168) 4.27
(2.067) 52.50
CL CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com