công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M28840/20CB1AAP2 bảng dữ liệu(PDF) 2 Page - Amphenol PCD, Inc

tên linh kiện M28840/20CB1AAP2
Giải thích chi tiết về linh kiện  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOLPCD [Amphenol PCD, Inc]
Trang chủ  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20CB1AAP2 bảng dữ liệu(HTML) 2 Page - Amphenol PCD, Inc

  M28840/20CB1AAP2 Datasheet HTML 1Page - Amphenol PCD, Inc M28840/20CB1AAP2 Datasheet HTML 2Page - Amphenol PCD, Inc M28840/20CB1AAP2 Datasheet HTML 3Page - Amphenol PCD, Inc M28840/20CB1AAP2 Datasheet HTML 4Page - Amphenol PCD, Inc M28840/20CB1AAP2 Datasheet HTML 5Page - Amphenol PCD, Inc M28840/20CB1AAP2 Datasheet HTML 6Page - Amphenol PCD, Inc M28840/20CB1AAP2 Datasheet HTML 7Page - Amphenol PCD, Inc M28840/20CB1AAP2 Datasheet HTML 8Page - Amphenol PCD, Inc M28840/20CB1AAP2 Datasheet HTML 9Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
2
3
TABLE OF CONTENTS
Content
Military Slash
Commercial Reference
Pg.
Performance Specification
-
-
5
Insert Arrangement
-
-
6
Straight Strain-Relief Backshell
M28840/1
IN8840/1
7
90° Strain-Relief Backshell
M28840/2
IN8840/2
8
45° - Strain Relief Backshell
M28840/3
IN8840/3
9
Back Shell For Metal Core Conduit
M28840/5
IN8840/5
10
EMI/RFI Environmental Backshell
M28840/6
IN8840/6
12
Dummy Storage Receptacle
M28840/7
IN8840/7
14
90° EMI/RFI Environmental Backshell
M28840/8
IN8840/8
15
45° EMI/RFI Environmental Backshell
M28840/9
IN8840/9
17
Wall Mount Receptacle Connector
M28840/10
IN8840/10
19
In Line Receptacle Connector
M28840/11
IN8840/11
20
Box Mount Receptacle Connector
M28840/12
IN8840/12
21
Protective Receptacle Cover
M28840/13
IN8840/13
22
Jam Nut Receptacle Connector
M28840/14
IN8840/14
23
Protective Plug Cover
M28840/15
IN8840/15
24
Plug Connector
M28840/16
IN8840/16
25
Plug Connector With Straight Strain Relief Backshell
M28840/17
IN8840/17
26
Plug Connector With 90° Strain Relief Backshell
M28840/18
IN8840/18
27
Plug Connector With 45° Strain Relief Backshell
M28840/19
IN8840/19
28
Receptacle Connector With Straight EMI/RFI Backshell
M28840/20
IN8840/20
29
Receptacle Connector With Straight EMI/RFI Backshell
M28840/21
IN8840/21
30
Metal Conduit Bushing
M28840/22
IN8840/22
31
E Nut
M28840/23
IN8840/23
32
Mounting Gasket Metal
M28840/24
IN8840/24
33
90° EMI Conduit Adaptor
M28840/25
IN8840/25
34
Plug Connector With Straight EMI/RFI Backshell
M28840/26
IN8840/26
36
45° EMI Conduit Adaptor
M28840/27
IN8840/27
37
90° Adaptor Assembly Plug
M28840/28
IN8840/28
39
Plug Connector With 45° EMI/RFI Backshell
M28840/29
IN8840/29
40
Metal Conduit Coupler Style A & B
M28840/30
IN8840/30
41
Standard Duty Electrical Pin Contact
M39029/83
IN8840/83
42
Standard Duty Electrical Socket Contact
M39029/84
IN8840/84
43
Polarization Keyways And Panel Cut Out
-
-
44
Contact Insertion / Extraction Instructions
-
-
45
Contact Crimping, Insertion, Removal Tools
-
-
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com