| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSC1021AIYPT bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC1021AIYPT bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 17 page ![]() Pin configuration TSC1021 4/17 DocID017857 Rev 4 2 Pin configuration Figure 2: Pin connections (top view) Table 1: "Pin description" describes the function of each pin. Their position is shown in the illustration on the cover page and in Figure 2: "Pin connections (top view)" above. Table 1: Pin description Pin number Symbol Type Function 1 Vm Analog input Connection for the external sense resistor. The measured current exits the shunt on the Vm side. 3 Gnd Power supply Ground line 4 Out Analog output Buffered output of the current sensing amplifier 6 VCC Power supply Positive power supply line 8 Vp Analog input Connection for the external sense resistor. The measured current enters the shunt on the Vp side. |