| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS488IQT bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS488IQT bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 32 page ![]() 1 Typical application schematic Figure 1. Typical application for the TS488 TS488=stdby Stdby active low 1 2 8 5 7 4 6 3 Table 1. Application component information Component Functional description Rin1,2 Inverting input resistor that sets the closed loop gain in conjunction with Rfeed. This resistor also forms a high pass filter with Cin [Fc = 1 / (2 x Pi x Rin x Cin)] Cin1,2 Input coupling capacitor that blocks the DC voltage at the amplifier input terminal Rfeed1,2 Feedback resistor that sets the closed loop gain in conjunction with Rin. AV= closed loop gain= -Rfeed/Rin Cs Supply output capacitor that provides power supply filtering Cb Bypass capacitor that provides half supply filtering Cout1,2 Output coupling capacitor that blocks the DC voltage at the load input terminal. This capacitor also forms a high pass with RL [Fc = 1 / (2 x Pi x RL x Cout)] TS488 Typical application schematic DS4579 - Rev 8 page 2/32 |