công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P2 bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện AM263P2
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P2 bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 19Page - Texas Instruments AM263P2 Datasheet HTML 20Page - Texas Instruments AM263P2 Datasheet HTML 21Page - Texas Instruments AM263P2 Datasheet HTML 22Page - Texas Instruments AM263P2 Datasheet HTML 23Page - Texas Instruments AM263P2 Datasheet HTML 24Page - Texas Instruments AM263P2 Datasheet HTML 25Page - Texas Instruments AM263P2 Datasheet HTML 26Page - Texas Instruments AM263P2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 168 page
background image
Table 5-1. Pin Attributes (ZCZ_C, ZCZ_S, ZCZ_F Packages) (continued)
ZCZ_C
BALL
NUMBE
R [1]
ZCZ_S
BALL
NUMBE
R [1]
ZCZ_F
BALL
NUMBE
R [1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
R16
EPWM15_B
EPWM15_B_CFG_REG
0x5310 0128
0x0000 05F7
EPWM15_B
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
UART5_RXD
1
I
MII1_CRS
2
I
MCAN7_TX
3
O
GPIO74
7
IO
ADC_EXTCH_XBAROUT5
9
O
EPWM15_B
10
O
B14
B14
B14
EQEP0_A
EQEP0_A_CFG_REG
0x5310 0208
0x0000 05F7
UART4_RTSn
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI4_CLK
3
IO
GPIO130
7
IO
EQEP0_A
8
I
SDFM1_CLK0
9
I
A14
A14
A14
EQEP0_B
EQEP0_B_CFG_REG
0x5310 020C
0x0000 05F7
UART4_CTSn
0
I
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
SPI4_CS0
3
IO
GPIO131
7
IO
EQEP0_B
8
I
SDFM1_D0
9
I
D11
D11
D11
EQEP0_INDEX
EQEP0_INDEX_CFG_REG
0x5310 0214
0x0000 05F7
UART4_RXD
0
I
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
LIN4_RXD
1
IO
SPI4_D1
3
IO
GPIO133
7
IO
EQEP0_INDEX
8
IO
SDFM1_D1
9
I
ADC_EXTCH_XBAROUT3
10
O
C12
C12
C12
EQEP0_STROBE
EQEP0_STROBE_CFG_REG
0x5310 0210
0x0000 05F7
UART4_TXD
0
O
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
LIN4_TXD
1
IO
SPI4_D0
3
IO
GPIO132
7
IO
EQEP0_STROBE
8
IO
SDFM1_CLK1
9
I
ADC_EXTCH_XBAROUT2
10
O
P2
P2
P2
EXT_REFCLK0
EXT_REFCLK0_CFG_REG
0x5310 01E4
0x0000 05F7
EXT_REFCLK0
0
I
Off / Off / Off
Off / Off / Off
7
3.3V
VDDSHV0
Yes
LVCMOS
PU/PD
XBAROUT15
5
O
GPIO121
7
IO
EQEP1_INDEX
9
IO
www.ti.com
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More